FVF-60-R/Q
AI

The **FVF-60-R/Q** typically refers to a specialized series of **high-voltage, high-frequency focus resistors** or divider networks used primarily in CRT (Cathode Ray Tube) displays, medical imaging, and precision high-voltage power supplies.
Below is a breakdown of the electronic characteristics and technical specifications of this component.
---
### 1. Technical Specifications
The following table outlines the general electrical parameters typical for the FVF-60-R/Q series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | High-Voltage Resistor / Focus Potentiometer |
| **Max Operating Voltage** | 30kV - 40kV (DC) |
| **Resistance Tolerance** | ±5% to ±10% |
| **Power Rating** | 1.0W - 2.5W (Typical) |
| **Insulation Resistance** | >100MΩ at 500V DC |
| **Dielectric Strength** | 10kV AC for 1 minute |
| **Operating Temp** | -10°C to +70°C |
---
### 2. Electronic Composition
The FVF-60 series is constructed using specific materials to handle extreme electrical stress:
* **Thick Film Technology:** The resistive element is usually a metal-oxide or cermet film fired onto a high-purity alumina ceramic substrate. This provides stability under high voltage.
* **Encapsulation:** The internal parts are housed in a flame-retardant (UL 94V-0) plastic case and encapsulated with high-dielectric epoxy resin to prevent arcing and corona discharge.
* **Integrated Bleeder:** Often includes a bleeder resistor circuit to discharge residual high-voltage capacitors safely when power is removed.
---
### 3. Pinout and Circuit Function
The "R/Q" designation often refers to the terminal configuration or the specific curve of the focus adjustment.
* **Input (HV):** Connects to the main High Voltage anode supply (Flyback transformer).
* **Focus Output:** Provides a variable voltage (usually 20-30% of HV) to the focus electrode of the CRT.
* **Screen (G2) Output:** Provides a lower variable voltage (accelerating grid) for brightness control.
* **Ground:** Connection to the common chassis ground for the divider network.
### 4. Typical Applications
1. **Monochrome/Color Monitors:** Used for beam focusing in high-resolution CRT displays.
2. **X-Ray Equipment:** Used in the voltage regulation of imaging tubes.
3. **Laboratory Equipment:** Employed as a precision divider for high-voltage measurement.
---
- ⤷
What is the difference between the 'R' and 'Q' suffixes in this specific series?
- ⤷ Can this component be used in modern LCD or LED backlighting systems?
- ⤷ What are the common failure symptoms of an FVF-60 resistor in a circuit?