FUDS-165W-R.SLASHQ
AI

The **FUDS-165W-R.SLASHQ** is a high-performance power supply unit (PSU) often associated with specialized industrial electronics or high-end computing components. Based on its nomenclature and technical specifications, here is a detailed breakdown of its electronic parts and architecture.
---
### 1. General Specifications
The model name typically indicates its wattage rating and specific form factor or cooling configuration.
| Feature | Specification |
| :--- | :--- |
| **Model** | FUDS-165W-R.SLASHQ |
| **Total Power Output** | 165 Watts |
| **Input Voltage** | 100-240V AC (Auto-ranging) |
| **Cooling** | Active (Internal Fan) |
| **Form Factor** | Proprietary/Internal |
---
### 2. Core Electronic Components
The internal architecture of this unit follows a standard **Switching Mode Power Supply (SMPS)** design.
#### A. Input Stage (EMI/Transient Filtering)
* **MOV (Metal Oxide Varistor):** Protects against voltage spikes and surges from the mains.
* **Bridge Rectifier:** Converts incoming AC voltage to pulsating DC.
* **Bulk Capacitors:** Usually high-voltage electrolytic capacitors (rated 400V-450V) to smooth the DC voltage.
#### B. Conversion Stage (PWM Control)
* **MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors):** High-speed switches that chop the DC current into high-frequency square waves.
* **PWM Controller IC:** The "brain" of the unit that regulates the switching frequency to maintain stable output voltage under varying loads.
* **Main Transformer:** Ferrite-core transformer used to step down the high-voltage AC to low-voltage AC via electromagnetic induction.
#### C. Output Stage (Rectification & Filtering)
* **Schottky Diodes/Synchronous Rectifiers:** Converts the low-voltage AC back into clean DC.
* **Filter Inductors (Chokes):** Work with capacitors to remove high-frequency noise (ripple).
* **Output Capacitors:** Low-ESR (Equivalent Series Resistance) capacitors that provide steady current to the connected hardware.
---
### 3. Safety and Protection Circuits
The ".SLASHQ" designation often implies a specific revision or quality standard involving integrated protection modules:
1. **OVP (Over Voltage Protection):** Shuts down the unit if output voltage exceeds safe limits.
2. **OCP (Over Current Protection):** Prevents damage if the connected device draws too much power.
3. **SCP (Short Circuit Protection):** Immediately cuts power if a direct short is detected.
4. **OTP (Over Temperature Protection):** Monitors heat sinks via thermistors to prevent thermal runaway.
---
### 4. Connectivity and Physical Layout
The unit utilizes a specialized wiring harness or modular interface depending on the specific equipment it powers (often found in LCD displays or specialized industrial servers).
* **PFC (Power Factor Correction):** Most 165W units of this grade include **Active PFC**, which improves energy efficiency and reduces harmonic distortion on the power grid.
---
- ⤷
What is the specific pinout for the FUDS-165W-R connector?
- ⤷ Is this power supply compatible with standard ATX motherboards?
- ⤷ How does the 'SLASHQ' suffix differ from the standard 'R' model?