công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FUD-Z0-R./Q

  • AI
    The **FUD-Z0-R/Q** is a specific series classification for **Ultrasonic Flow Sensors** (commonly associated with manufacturers like Tokyo Keiki or similar industrial automation brands). These devices are designed to measure the flow rate of liquids through a pipe without making physical contact with the fluid. ### 1. Key Electronic Components and Architecture The electronics of the FUD-Z0-R/Q are divided into the **Transducer** (the physical sensor) and the **Converter** (the signal processing unit). | Component | Function | | :--- | :--- | | **Piezoelectric Transducer** | Converts electrical pulses into ultrasonic mechanical waves and vice versa. | | **Signal Processor (DSP)** | Digital Signal Processing unit that calculates the "Time of Flight" or frequency shift. | | **Output Stage** | Provides analog (4-20mA) or digital (RS-485/Pulse) signals to a PLC or SCADA. | | **Power Module** | Typically handles 12-24V DC input with surge protection. | --- ### 2. Technical Specifications (Electronic Focus) The "R/Q" designation usually refers to the output configuration and communication protocols. * **Measurement Method:** Ultrasonic Transit Time (Time of Flight). * **Operating Voltage:** 24V DC (Standard industrial). * **Current Consumption:** Low power consumption (usually < 100mA). * **Signal Output:** * **Analog:** 4 to 20mA DC (Linear flow rate). * **Digital/Pulse:** Open collector output for totalized volume. * **Connection Interface:** M12 connector or terminal block (depending on housing). --- ### 3. Wiring Diagram Concept Below is a conceptual representation of how the electronic pins are generally structured in these units: ```yaml Pin/Terminal | Function | Description -------------|----------------|-------------------------- V+ | Power (+) | +24V DC Input V- | Power (-) | 0V / Common Out 1 | Analog Output | 4-20mA Flow Rate Signal Out 2 | Pulse/Switch | Alarm or Totalizer pulse Com | Communication | RS-485 (if Q-type model) ``` --- ### 4. Detection Principle The electronics operate on the **Transit Time Difference** method: 1. **Transmission:** The electronic circuit triggers the upstream transducer to send an ultrasonic pulse. 2. **Reception:** The downstream transducer receives the pulse. 3. **Reverse:** The process is repeated from downstream to upstream. 4. **Calculation:** The electronic processor calculates the time difference ($\Delta t$). Since the speed of sound is constant in a stable medium, the difference in time is directly proportional to the flow velocity. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q versions of this sensor?
    • ⤷ How do you calibrate the 4-20mA output for this specific flow meter?
    • ⤷ What are the common troubleshooting codes for FUD series electronic failures?