công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FUD-FE-R./Q

  • AI
    The **FUD-FE-R/Q** series typically refers to specialized **Photoelectric Sensors** (often fiber-optic amplifiers or specific sensors used in industrial automation). These sensors are designed to detect objects or measure distances using light-based technology. Below is a breakdown of the electronic components and technical characteristics common to this series. --- ## 1. Core Electronic Components The internal circuitry of a FUD-FE series sensor generally consists of four primary stages: | Component Category | Function | | :--- | :--- | | **Emitter (Light Source)** | Usually a Red or Infrared LED that pulses light to detect objects. | | **Receiver (Photodiodes)** | Converts the returning light signal into a small electrical current. | | **Signal Processor (ASIC/MCU)** | Analyzes the signal strength, filters noise, and manages timing. | | **Output Circuitry** | Translates internal logic into an industrial signal (NPN/PNP or Analog). | --- ## 2. Technical Specifications (General) These parts are designed for high-speed industrial environments, often featuring the following electronic traits: ### A. Power Supply & Consumption * **Operating Voltage:** Typically **12-24V DC** (Ripple $\leq$ 10%). * **Current Consumption:** Low, usually between **30mA and 45mA**. ### B. Output Logic (The "R/Q" distinction) The suffix in the model number often dictates the output behavior: * **NPN vs PNP:** Depending on the specific sub-model, the transistor output will either switch the negative (NPN) or positive (PNP) load. * **Control Output:** Most units support a maximum load current of **100mA**. * **Response Time:** Extremely fast, often in the **$\mu$s (microsecond)** range to allow for high-speed counting. ### C. Sensitivity Adjustment * **Potentiometer:** Many "R/Q" models feature a multi-turn trimmer to adjust the detection threshold. * **LED Indicators:** * **Green:** Stability indicator (signal is strong). * **Orange/Red:** Operation indicator (output is active). --- ## 3. Wiring Diagram (Standard 3-Wire) For these electronic parts, the wiring usually follows standard industrial color coding: ```markdown 1. Brown (BN): +V (12-24V DC) 2. Blue (BU): 0V (GND) 3. Black (BK): Control Output (Signal) ``` --- ## 4. Key Features of the FE-R/Q Series * **Short Circuit Protection:** Prevents the internal electronics from burning out if the output is miswired. * **Reverse Polarity Protection:** Protects the sensor if the Power (+) and Ground (-) are swapped. * **High Noise Immunity:** Shielded electronics to prevent interference from nearby motors or VFDs.
    ✨ Follow-up Questions
    • ⤷ What is the specific sensing distance for the FUD-FE-R model?
    • ⤷ How do I switch between Light-ON and Dark-ON modes on this sensor?
    • ⤷ Is the FUD-FE series compatible with fiber optic cables?