công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FUD-42-R./Q

  • AI
    The **FUD-42-R/Q** is a specific model within a series of high-frequency ultrasonic sensors, typically used in industrial automation for detecting transparent objects, films, or thin materials. Below is an explanation of its electronic components and technical characteristics. --- ### 1. Technical Specifications The "R/Q" designation usually refers to the output configuration (often involving a combination of NPN/PNP or specific switching logic). | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 12 - 24V DC | | **Current Consumption** | Approx. 30 - 50 mA | | **Detection Principle** | Ultrasonic Through-beam | | **Switching Frequency** | ~200 Hz to 500 Hz (depending on material) | | **Output Type** | PNP or NPN (Push-Pull in modern variants) | | **Connection** | M12 Connector or Cable Lead | --- ### 2. Core Electronic Components The device functions as a pair (Emitter and Receiver). Its electronic architecture consists of the following modules: #### A. Piezoelectric Transducers * **Emitter:** Contains a piezoelectric ceramic element that converts electrical energy into high-frequency ultrasonic waves (typically 200kHz to 400kHz). * **Receiver:** Converts the physical vibration of the incoming sound waves back into an electrical signal. #### B. Signal Processing Circuitry * **Oscillator:** Generates the precise frequency required to drive the emitter. * **Amplifier & Filter:** The receiver uses a high-gain amplifier and a band-pass filter to ignore ambient noise and focus only on the specific ultrasonic frequency emitted. * **Threshold Comparator:** Compares the received signal strength against a set "Teach-in" value to determine if an object is breaking the beam. #### C. Output Stage * **Transistor Switch:** Uses an NPN or PNP transistor to interface with a PLC (Programmable Logic Controller). * **Protection Circuitry:** Includes Reverse Polarity protection, Short-circuit protection, and Overload protection. --- ### 3. Wiring and Pin Configuration Standard M12 4-pin configuration for the **R/Q** variant: 1. **Brown (+V):** Positive supply (12-24V DC). 2. **White (Input):** Teach-in or Control line (used to calibrate sensitivity). 3. **Blue (0V):** Ground/Negative. 4. **Black (Output):** Switching signal (High/Low based on object detection). --- ### 4. Application Logic Because the FUD-42-R/Q uses sound rather than light, it is electronically superior for specific environments: * **Transparent Detection:** Unlike optical sensors, it detects clear glass or plastic easily because sound reflects/absorbs regardless of transparency. * **Dust/Steam Resistance:** The electronics are tuned to ignore small particles that would trigger a laser or infrared sensor.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'R' and 'Q' output modes in this sensor?
    • ⤷ How do you perform the 'Teach-in' procedure for a FUD-42 series sensor?
    • ⤷ What is the maximum sensing distance for this specific ultrasonic model?