FUD-20-R./Q
AI

The **FUD-20-R/Q** is a high-precision, fiber-optic amplifier (sensor) primarily used in industrial automation for object detection and position sensing. The "R" usually denotes a Red LED light source, and the "Q" indicates a specific connector type or response speed variant.
---
## 1. Core Electronic Specifications
The electronic architecture of the FUD-20-R/Q is designed for high-speed switching and reliability in harsh industrial environments.
| Feature | Specification |
| :--- | :--- |
| **Power Supply** | 12 to 24V DC (±10% ripple) |
| **Current Consumption** | Max 40mA |
| **Light Source** | Red LED (Visible) |
| **Response Time** | High Speed: ~50µs / Standard: ~250µs |
| **Output Type** | NPN or PNP Open Collector (model dependent) |
| **Sensitivity Adjustment** | 8-turn potentiometer or Digital Teach-in |
---
## 2. Key Electronic Components
### A. The Optical Transceiver
* **Emitter (LED):** A high-intensity red LED pulses light through the fiber optic cable. The pulsing allows the sensor to distinguish its own signal from ambient light interference.
* **Receiver (Photodiode):** A high-speed silicon photodiode detects reflected light. It converts optical energy into a low-level electrical current.
### B. Signal Processing Circuitry
* **Amplifier Stage:** The weak signal from the photodiode is boosted. The "Gain" is controlled via the sensitivity adjustment to filter out background noise.
* **Comparator:** This circuit compares the received signal level against a pre-set threshold. If the signal exceeds the threshold, the output state changes.
* **Timing Logic:** Includes delay timers (ON-delay, OFF-delay, or One-shot) to stabilize the output signal for PLCs.
### C. Output Protection
The electronic output stage is typically protected against:
1. **Reverse Polarity:** Prevents damage if the + and - wires are swapped.
2. **Short Circuit:** Limits current if the output load is shorted.
---
## 3. Wiring Configuration
The device generally follows the standard industrial color code for a 3-wire or 4-wire DC sensor:
```yaml
Brown: +V (12-24V DC)
Blue: 0V (GND)
Black: Control Output (Load)
White: Mode Selection (Light-ON / Dark-ON)
```
---
## 4. Operational Modes
* **Light-ON (L-ON):** The output is energized when the receiver detects light.
* **Dark-ON (D-ON):** The output is energized when the light path is broken (object present).
- ⤷
What is the maximum sensing distance for the FUD-20 series when using standard fiber cables?
- ⤷ How do I switch the output between NPN and PNP on this specific model?
- ⤷ Can this sensor be used in high-temperature environments?