công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FUD-00-R./Q

  • AI
    Based on your query, the **FUD-00-R/Q** series refers to a specific line of **Fiber Optic Digital Sensors** (commonly associated with brands like Panasonic/Sunx or similar industrial automation providers). These devices are used to detect objects via light transmission through fiber optic cables. --- ## 1. Core Electronic Specifications The "R" and "Q" designations often refer to the output logic (NPN vs. PNP) or the response speed/sensitivity modes. | Feature | Specification Details | | :--- | :--- | | **Supply Voltage** | 12 to 24V DC (±10% ripple) | | **Current Consumption** | Typically 30mA to 45mA | | **Light Source** | Red LED (Visible) or Infrared LED | | **Output Type** | Open-collector transistor (NPN or PNP) | | **Response Time** | High-speed mode: ~250µs / Standard: ~1ms | --- ## 2. Key Electronic Components The internal circuitry of a FUD-00 sensor consists of four primary stages: ### A. Emitter & Receiver Circuitry * **LED Emitter:** High-intensity LED that pulses light into the fiber optic cable to filter out ambient light interference. * **Photodiode/Phototransistor:** Receives the returning light signal and converts it into a small electrical current. ### B. Signal Processing (The "Brain") * **Threshold Comparator:** A digital circuit that compares the received light intensity against a pre-set value (Threshold). * **Digital Display:** Usually a dual-display (Red/Green) showing the current light level and the set point. ### C. Output Stage * **Switching Transistor:** Acts as a digital switch. * **NPN (Negative):** Switches the load to the 0V/Ground rail. * **PNP (Positive):** Switches the load to the +V/24V rail. * **Protection:** Includes reverse polarity protection and short-circuit protection. ### D. User Interface * **Teach Button:** A momentary switch that allows the electronics to auto-calibrate based on the target's presence. --- ## 3. Wiring Configuration Most units in this series utilize a standard 3-wire or 4-wire color-coding scheme: | Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +V | 12-24V DC Power | | **Blue** | 0V | Ground / Common | | **Black** | Output 1 | Control Signal (NPN or PNP) | | **Pink/White** | Input | Remote Teach or External Trigger | --- ## 4. Operational Modes The electronics allow for two primary sensing methods: 1. **Thru-beam:** Emitter and Receiver are separate fibers. The signal triggers when an object breaks the beam. 2. **Reflective:** Emitter and Receiver are in the same housing. The signal triggers when light bounces off a target back to the sensor.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' suffixes regarding output logic?
    • ⤷ How do I wire the NPN output of a FUD sensor to a PLC?
    • ⤷ Can the response time of the FUD-00 series be adjusted via the digital menu?