công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FTS-8E-R/Q

  • AI
    The **FTS-8E-R/Q** refers to a high-precision, space-qualified **Crystal Oscillator** (often a Rubidium or high-stability Quartz based unit) typically manufactured for aerospace, satellite, and telecommunications synchronization. Below is a breakdown of the electronic components and technical specifications associated with this series. --- ### 1. Key Technical Specifications These parameters define the electronic performance of the FTS (Frequency and Time Systems) units: | Parameter | Typical Specification | Description | | :--- | :--- | :--- | | **Nominal Frequency** | 10 MHz (standard) | The primary output signal frequency. | | **Stability (Aging)** | < $5 \times 10^{-11}$ per month | Long-term frequency drift rate. | | **Supply Voltage** | +15V to +28V DC | Standard operating power input. | | **Phase Noise** | -110 dBc/Hz @ 1Hz offset | Cleanliness of the signal near the carrier frequency. | | **Operating Temp** | -20°C to +70°C | The range where the electronic compensation holds. | --- ### 2. Core Electronic Architecture The FTS-8E-R/Q system is composed of several critical electronic sub-assemblies: #### A. The Oscillator Core (Quartz or Rubidium) * **SC-Cut Crystal:** Uses a "Stress Compensated" cut crystal which is less sensitive to mechanical shock and thermal gradients. * **Physics Package (if R-series):** Contains a rubidium vapor cell, a lamp, and a photodetector used to lock the crystal frequency to the atomic transition. #### B. Thermal Control Circuitry * **Proportional Oven Control:** To maintain stability, the electronics include an Oven Controlled Crystal Oscillator (OCXO) circuit. This uses high-precision thermistors and power transistors to keep the internal environment at a constant "turnover" temperature. #### C. Frequency Synthesis & Output * **Buffer Amplifiers:** Isolation amplifiers that ensure the output load does not affect the internal oscillator's frequency (load pulling). * **Sine-to-Square Converters:** Depending on the "Q" or "R" suffix, the electronics may output a pure sine wave or a TTL/CMOS compatible square wave. #### D. Radiation Hardening (Space Grade) * **Shielding:** The "E" and "R/Q" variants often feature enhanced EMI/RFI shielding. * **Component Selection:** Uses MIL-PRF-38534 Class K or H equivalent components to withstand ionizing radiation in orbital environments. --- ### 3. Pinout and Interface (Standard 8-Pin Config) The "8" in the series often denotes the physical footprint or pin count. ```text Pin 1: Frequency Adjust (Voltage Control) Pin 2: Reference Voltage Output Pin 3: Supply Voltage (+Vcc) Pin 4: RF Output Pin 5: Case Ground Pin 6: Monitor/Telemetry (Lock Indicator) Pin 7: Return/Ground Pin 8: No Connect / Optional Built-in Test (BIT) ``` --- ### 4. Applications * **GPS/GNSS Ground Stations:** Providing the master clock for satellite tracking. * **Military Communication:** Secure frequency hopping requiring microsecond synchronization. * **Deep Space Probes:** Maintaining timing during long-duration missions where Earth-sync is delayed.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' suffixes in this series?
    • ⤷ How does the aging rate of this unit compare to standard industrial oscillators?
    • ⤷ What are the specific power consumption requirements during the 'warm-up' phase?