công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FTS-7C-R

  • AI
    The **FTS-7C-R** typically refers to a high-precision **Quartz Crystal Oscillator** or a specific Timing/Frequency control module, often manufactured by companies like Taitien or similar frequency-control specialists. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The FTS series usually denotes **TCXOs (Temperature Compensated Crystal Oscillators)** or **OCXOs (Oven Controlled Crystal Oscillators)** designed for stability in telecommunications and navigation hardware. The "R" suffix often indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. ### 2. Technical Specifications The following table outlines the typical electrical parameters for this class of component: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Standard Frequency** | Commonly 10.000 MHz or 20.000 MHz | | **Supply Voltage (Vcc)** | 3.3V or 5.0V DC | | **Output Type** | CMOS / Clipped Sine Wave | | **Frequency Stability** | ±0.5 ppm to ±2.5 ppm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Style** | Through-hole (DIP-14 or DIP-8 compatible footprint) | --- ### 3. Key Electronic Features #### A. Temperature Compensation Unlike standard crystals, the FTS-7C-R contains an internal compensation circuit (thermistor network or integrated circuit) that adjusts the crystal's load capacitance to counteract frequency drift caused by ambient temperature changes. #### B. Frequency Adjustment (Control Voltage) Many models in this series include a **Voltage Control (Vc)** pin. This allows the user to: * Fine-tune the output frequency via an external analog voltage. * Compensate for long-term "aging" of the quartz crystal. #### C. Phase Noise and Jitter These parts are engineered for low phase noise, making them suitable for: * **RF Up/Down Conversion:** Minimizing interference in signal mixing. * **Phase-Locked Loops (PLLs):** Providing a stable reference clock. --- ### 4. Pin Configuration (Common Layout) While you should always consult the specific datasheet for your manufacturer, the standard 4-pin or 14-pin DIP layout generally follows this logic: ```text Pin 1: Vc (Voltage Control) or No Connect Pin 7: Case Ground (GND) Pin 8: Output (Frequency Signal) Pin 14: Supply Voltage (Vcc) ``` --- ### 5. Common Applications * **Basestations:** Providing timing for cellular networks (LTE/5G). * **GPS/GNSS Receivers:** High-precision positioning requires stable local oscillators. * **Test & Measurement:** Used as a reference clock in frequency counters and oscilloscopes. * **Network Switches:** Synchronizing high-speed data packets.
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of your specific FTS-7C-R unit?
    • ⤷ Do you require the footprint dimensions for a PCB layout?
    • ⤷ Would you like a comparison between TCXOs and standard OCXOs?