công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FTS-53-R/K

  • AI
    The **FTS-53-R/K** is a specific variant of a High-Frequency (HF) quartz crystal unit. These components are essential in electronic circuits for providing a stable frequency reference for microprocessors, radios, and timing circuits. Below is a breakdown of the electronic specifications and characteristics typically associated with the FTS-53 series (often produced by manufacturers like *Fox Electronics* or *Kyocera/AVX*). --- ### 1. General Specifications The "R/K" suffix often denotes specific tolerance levels or operating temperature ranges depending on the manufacturer's datasheet coding. | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Component Type** | Quartz Crystal (Passive) | A piezoelectric resonator. | | **Frequency Range** | 8.0 MHz to 50.0 MHz | The fundamental resonance frequency. | | **Frequency Tolerance** | ±30 ppm to ±50 ppm | Accuracy at 25°C. | | **Load Capacitance ($C_L$)** | 12pF, 18pF, or 20pF | Required external capacitance for oscillation. | | **ESR** | 40 $\Omega$ to 80 $\Omega$ | Equivalent Series Resistance (lower is better). | | **Package Size** | 5.0 x 3.2 mm | Standard Surface Mount Device (SMD) footprint. | --- ### 2. Key Electronic Characteristics * **Mode of Operation:** Usually **Fundamental Mode**. This means the crystal vibrates at its lowest natural frequency, providing high stability and easier oscillation startup. * **Piezoelectric Effect:** The part converts mechanical vibration into an electrical signal. When an alternating voltage is applied, the quartz physically deforms, creating a precise frequency pulse. * **Temperature Stability:** Crystals are sensitive to heat. The "R/K" designation often indicates a standard industrial temperature range (e.g., **-40°C to +85°C**), ensuring the frequency does not drift significantly as the device warms up. * **Aging:** Typically rated at **±3 ppm to ±5 ppm per year**. This represents the gradual shift in frequency over the component's lifespan. --- ### 3. Application in Circuits The FTS-53-R/K is commonly used in a **Pierce Oscillator** configuration. #### Typical Wiring Diagram ```text [Microcontroller] | XTAL1 XTAL2 | |____|_______|____| | | (C1) (C2) <-- Load Capacitors | [Crystal] | |____|______| | [GND] ``` ### 4. Comparison of "R" vs "K" Suffixes While specific to the manufacturer's ordering code, the letters usually represent: * **R:** Often stands for **Tape & Reel** packaging (standard for automated SMT assembly). * **K:** Often denotes a specific **Frequency Stability** (e.g., ±50ppm) or a specific **Temperature Grade**. ---
    ✨ Follow-up Questions
    • ⤷What are the recommended load capacitor values for an FTS-53 crystal?
    • ⤷ How does frequency tolerance affect the performance of a wireless transceiver?
    • ⤷ What is the difference between an active oscillator and a passive crystal like the FTS-53?