FTS-23-R/Q
AI

The **FTS-23-R/Q** is a specific series of high-precision electronic components, typically associated with **Temperature Compensated Crystal Oscillators (TCXOs)** or specialized **Frequency Standards**. These parts are designed to provide a highly stable clock signal for telecommunications, navigation, and synchronized systems.
---
## 1. Technical Specifications
The "R/Q" suffix usually denotes specific variations in stability, output type, or temperature range. Below is a breakdown of the typical electronic characteristics:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) |
| **Standard Frequency** | Commonly 10.0 MHz or 20.0 MHz |
| **Stability vs. Temp** | $\pm$0.1 ppm to $\pm$0.5 ppm |
| **Supply Voltage** | 3.3V or 5.0V DC |
| **Output Waveform** | CMOS or Clipped Sine Wave |
| **Operating Temp Range** | -40°C to +85°C (Industrial Grade) |
---
## 2. Key Internal Electronic Parts
The FTS-23 series is an integrated module containing several critical sub-components:
### A. The Quartz Resonator
The heart of the device. It is a precision-cut quartz crystal that vibrates at a specific frequency when voltage is applied. In the "R/Q" series, these are often "SC-cut" or high-Q "AT-cut" crystals to minimize aging.
### B. Compensation Network (The "TC" in TCXO)
Unlike a standard oscillator, the FTS-23 contains a **Temperature Sensor** and a **Compensation Circuit** (often an ASIC or a thermistor network). This circuit senses the ambient temperature and applies a correction voltage to a **Varactor Diode** to pull the crystal frequency back to its nominal value, counteracting thermal drift.
### C. Voltage Regulator
Internal LDO (Low Dropout) regulators are often included to ensure that fluctuations in the input power supply do not affect the frequency stability (Phase Noise).
---
## 3. Pinout and Integration
Standard FTS-23 modules typically follow a 4-pin or 6-pin DIP/SMD footprint:
1. **Vcc:** Positive power supply.
2. **GND:** Ground reference.
3. **Output:** The high-frequency clock signal.
4. **Voltage Control (Vc):** (Optional) Used for fine-tuning the frequency via an external analog voltage.
---
## 4. Common Applications
* **Base Stations:** Providing the heartbeat for LTE/5G small cells.
* **GPS Receivers:** Fast satellite acquisition requires high frequency stability.
* **Test Equipment:** Used in frequency counters and signal generators.
* **Packet Timing:** Used in SyncE (Synchronous Ethernet) applications.
- ⤷
What is the difference between the 'R' and 'Q' variants in this specific series?
- ⤷ How does the phase noise of the FTS-23 compare to a standard OCXO?
- ⤷ Can the FTS-23 be used in space-grade or high-radiation environments?