công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FTS-00-R/BN

  • AI
    Based on the technical profile, the **FTS-00-R/BN** series typically refers to high-precision flow sensors (often manufactured by companies like IFM Electronic or similar industrial automation brands). These devices are designed for monitoring liquid or gaseous media using calorimetric (thermal) sensing principles. --- ### 1. Key Electronic Components and Architecture The device integrates several sophisticated electronic modules to ensure accurate sensing and industrial communication. | Component | Description | Function | | :--- | :--- | :--- | | **Sensing Element** | Thermistor or PT100/PT1000 array | Detects heat dissipation caused by fluid flow. | | **Microcontroller (MCU)** | Embedded 8-bit or 32-bit RISC processor | Processes raw analog signals into flow/temperature data. | | **Output Driver** | Push-Pull or PNP/NPN Transistors | Handles the switching signals for industrial PLCs. | | **Signal Conditioner** | Operational Amplifiers (Op-Amps) | Amplifies the micro-volt changes from the thermal sensors. | | **Protection Circuitry** | TVS Diodes & Reverse Polarity Protection | Protects the internal electronics from voltage spikes. | --- ### 2. Technical Specifications Below are the typical electronic characteristics found in the **FTS** series sensors: * **Operating Voltage:** 18...30 V DC. * **Current Consumption:** < 100 mA (at 24V DC). * **Output Function:** Normally Open (NO) / Normally Closed (NC) programmable. * **Communication:** Often supports **IO-Link** for digital integration. * **Connection Type:** M12 Connector (typically gold-plated pins for better conductivity). --- ### 3. Functional Operation: The Calorimetric Principle The "Electronic Parts" function together based on the physical law of heat transfer: 1. **Heating Phase:** The electronic circuit heats an internal resistor to a specific temperature above the medium. 2. **Flow Detection:** As the medium flows past the probe, it carries heat away. 3. **Measurement:** The integrated **PT sensor** measures the temperature drop. 4. **Conversion:** The **Microcontroller** calculates the flow velocity based on the temperature difference and triggers the electronic output if the setpoint is reached. --- ### 4. Circuit Diagram Representation (Simplified) ```mermaid graph LR A[24V DC Power] --> B[Voltage Regulator] B --> C[Microprocessor] C --> D[Heating Element] E[Temp Sensor] --> C C --> F[IO-Link / Switching Output] F --> G[Industrial PLC] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between PNP and NPN output versions for this sensor?
    • ⤷ How do you configure the setpoints using IO-Link?
    • ⤷ What is the maximum pressure rating for the FTS-00 probe?