công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FTS-00-R/BL

  • AI
    The **FTS-00-R/BL** refers to a specific configuration of an **FTS series micro-terminal strip** connector, manufactured by **Samtec**. These are high-reliability, micro-pitch interconnects designed for compact electronic assemblies. --- ### 1. Component Overview The FTS series is a surface-mount (SMT) terminal strip with a **.050" (1.27 mm) pitch**. It is designed to mate with micro-sockets (like the Samtec CLP or FLE series) to create board-to-board connections. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Samtec | | **Series** | FTS (Micro Terminal Strip) | | **Pitch** | 1.27 mm (.050") | | **Mounting Type** | Surface Mount (SMT) | | **Terminal Material** | Phosphor Bronze | | **Insulator Material** | Liquid Crystal Polymer (LCP) | --- ### 2. Part Number Breakdown The suffix **-R/BL** indicates specific packaging and physical orientations: * **FTS**: Series name (Low Profile Terminal Strip). * **-00**: Lead style (Standard SMT height). * **-R**: Typically stands for **Tape & Reel** packaging, essential for automated pick-and-place assembly. * **-BL**: Refers to a **Board Locking** feature or a specific alignment pin configuration to ensure the part stays seated on the PCB during reflow soldering. --- ### 3. Electrical & Mechanical Characteristics These parts are engineered for high-density applications where space is limited but signal integrity is required. #### Electrical Specifications: * **Current Rating:** Approximately 3.4 A per pin (varies based on the number of powered pins). * **Operating Temp:** -55°C to +125°C. * **Voltage Rating:** 400 VAC. #### Mechanical Features: * **Low Profile:** Designed to keep the "stack height" between two PCBs at a minimum. * **Coplanarity:** The SMT leads are precision-formed to ensure all pins touch the solder paste simultaneously (usually within .004" / 0.10 mm). --- ### 4. Common Applications Due to its small footprint and SMT design, the FTS-00 series is commonly found in: 1. **Handheld Devices:** Mobile electronics where internal space is tight. 2. **Industrial Controllers:** Connecting sensor modules to a main processing board. 3. **Medical Instrumentation:** High-reliability boards requiring precision interconnects. ---
    ✨ Follow-up Questions
    • ⤷ What is the mating socket series for the FTS-00-R/BL?
    • ⤷ Can you provide the footprint dimensions for PCB layout?
    • ⤷ What are the alternative plating options for Samtec FTS connectors?