công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FTR-K3JB006W

  • AI
    ## Detailed Technical Overview: FTR-K3JB006W Relay The **FTR-K3JB006W** is a high-capacity power relay manufactured by **Fujitsu Components**. It belongs to the FTR-K3 series, which is specifically designed for high-current switching and energy efficiency, commonly used in power management systems. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Fujitsu Components | | **Contact Form** | 1 Form A (SPST-NO) | | **Coil Voltage** | 6 VDC | | **Contact Rating (Resistive)** | 25A @ 250 VAC | | **Maximum Switching Power** | 6,250 VA | | **Coil Power Consumption** | Approx. 780 mW | | **Dielectric Strength** | 5,000 VAC (between coil and contacts) | | **Insulation Distance** | 8.5 mm (Clearance/Creepage) | | **Mounting Type** | Through Hole (PCB) | --- ### 2. Internal Components and Construction The FTR-K3JB006W consists of several critical electronic and mechanical parts: * **Electromagnetic Coil:** A copper wire winding designed to operate at **6V DC**. When energized, it creates a magnetic field that moves the armature. * **Contact Material:** Typically uses **Silver Tin Oxide (AgSnO2)**. This material is preferred for high-current applications because it resists welding and material transfer during high-load switching. * **Armature & Spring:** The mechanical assembly that bridges the contact gap. The spring ensures the relay returns to its "Normally Open" state when power is removed. * **Encapsulation:** The "W" in the suffix often denotes a **sealed structure** (plastic sealed), protecting the internal contacts from dust and oxidation. --- ### 3. Features and Safety Standards * **High Inrush Current:** Designed to handle significant surges, making it ideal for motor starts or power supply capacitive loads. * **Safety Isolation:** It offers high insulation between the low-voltage control side (coil) and the high-voltage load side (contacts), compliant with surge strength standards of 10kV. * **Flammability Rating:** Usually constructed with UL94V-0 rated plastics for fire safety. --- ### 4. Common Applications Due to its high amperage rating (25A), this relay is commonly found in: 1. **Industrial Controls:** Heating, Ventilation, and Air Conditioning (HVAC) systems. 2. **Home Appliances:** High-power ovens, water heaters, and washing machines. 3. **Green Energy:** Solar inverters and Electric Vehicle (EV) charging stations.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FTR-K3 and FTR-K1 series relays?
    • ⤷ Can this relay be driven directly by a microcontroller GPIO pin?
    • ⤷ What are the recommended flyback diode specifications for this 6V coil?