FTG-U2-R/Q
AI

The **FTG-U2-R/Q** is a specific variant of a compact, high-performance ultrasonic flow sensor, typically manufactured by companies like **Keyence** (part of their FD-Q or FT series ecosystem) or specialized industrial sensor providers. It is designed for non-invasive monitoring of fluid flow in pipes.
Below is an explanation of the core electronic parts and functional components of this device.
---
### 1. Core Component Breakdown
| Component | Description | Function |
| :--- | :--- | :--- |
| **Ultrasonic Transducers** | Piezoelectric ceramic elements. | Emit and receive high-frequency sound waves to measure fluid velocity. |
| **Signal Processor (DSP)** | Integrated digital signal processing chip. | Filters noise and calculates the "Time-of-Flight" difference. |
| **A/D Converter** | Analog-to-Digital converter. | Converts the analog ultrasonic echo into digital data for the CPU. |
| **Output Stage** | NPN/PNP Open Collector or Analog (4-20mA). | Communicates the flow rate or alarm status to a PLC. |
| **OLED/LCD Interface** | Digital display driver. | Provides real-time visual feedback of flow rate and total volume. |
---
### 2. Electronic Working Principle (Transit-Time)
The electronic circuitry operates based on the **Transit-Time Difference** method:
1. **Transmission:** The electronics trigger Transducer A to send an ultrasonic pulse diagonally through the pipe to Transducer B.
2. **Reception:** The time taken ($t_1$) is recorded. Then, the process is reversed from B to A ($t_2$).
3. **Calculation:**
* If the fluid is moving, the pulse traveling with the flow is faster than the one against it.
* The internal **Microcontroller (MCU)** calculates the flow velocity $V$ based on $\Delta t = t_2 - t_1$.
4. **Compensation:** An internal **temperature thermistor** often compensates for changes in fluid density/speed of sound caused by temperature fluctuations.
---
### 3. Specifications & Wiring (Typical)
Electronic integration usually follows these standard industrial parameters:
* **Power Supply:** 24V DC (typically 10-30V range).
* **Protection Circuitry:** Includes reverse polarity protection and overcurrent protection to prevent damage during installation.
* **Connector Type:** M12 4-pin or 5-pin circular connector is standard for the "R/Q" series, ensuring IP67/IP69K water resistance.
#### Wiring Diagram Logic
```mermaid
graph LR
A[Brown: +24VDC] --- Sensor((FTG-U2))
B[Blue: 0V/GND] --- Sensor
C[Black: Control Out 1] --- PLC_Input
D[White: Control Out 2 / Analog] --- PLC_Input
```
---
### 4. Key Features of the "R/Q" Variant
* **High Sensitivity:** The "U2" designation often refers to the sensor's ability to handle ultra-low flow rates or specific pipe materials (like copper or stainless steel).
* **Digital Noise Filter:** The electronic board includes specific capacitors and inductors to filter out electromagnetic interference (EMI) from nearby motors or pumps.
- ⤷What is the difference between the R and Q output configurations in this series?
- ⤷ How do I calibrate the electronic zero-point for the FTG-U2?
- ⤷ Does this sensor support IO-Link communication for digital diagnostics?