AI

## FTG-95-R Electronic Components & Specifications
The **FTG-95-R** is a specific model of a **Galvanic Oxygen Sensor** (or fuel cell sensor), commonly used in medical equipment such as ventilators, anesthesia machines, and oxygen monitors. It is designed to measure the partial pressure of oxygen in a gas mixture.
---
### 1. Key Technical Specifications
Below are the primary electronic and physical parameters for the FTG-95-R:
| Parameter | Specification |
| :--- | :--- |
| **Measurement Range** | 0 – 100% Oxygen ($O_2$) |
| **Output Signal** | 9.0 – 13.0 mV (in ambient air) |
| **Electrical Connector** | 3-pin (often compatible with Molex or slip-ring types) |
| **Response Time ($T_{90}$)** | < 15 seconds |
| **Linearity Error** | < 3% of full scale |
| **Operating Temperature** | 0°C to 40°C |
---
### 2. Internal Electronic Design
The sensor functions as an **electrochemical fuel cell**. Internally, it consists of several critical layers:
#### A. The Sensing Cathode
Usually made of a noble metal (like Gold or Platinum). This is where the oxygen molecules are reduced, releasing electrons.
#### B. The Lead Anode
A sacrificial lead ($Pb$) electrode that undergoes oxidation. The chemical reaction is:
- **At Cathode:** $O_2 + 2H_2O + 4e^- \rightarrow 4OH^-$
- **At Anode:** $2Pb + 4OH^- \rightarrow 2PbO + 2H_2O + 4e^-$
#### C. Electrolyte Solution
A basic solution (typically Potassium Hydroxide, $KOH$) that facilitates the flow of ions between the anode and cathode.
#### D. NTC Thermistor (Temperature Compensation)
Since electrochemical reactions are temperature-dependent, the FTG-95-R includes an **Internal NTC Thermistor**. This component adjusts the output voltage to ensure the oxygen reading remains accurate despite ambient temperature fluctuations.
---
### 3. Pinout and Connection
The "R" in FTG-95-R typically indicates a specific connector style or housing modification.
* **Pin 1:** Positive Output ($+$)
* **Pin 2:** Negative Output ($-$) / Ground
* **Pin 3:** Often used for the temperature compensation circuit or left NC (No Connection) depending on the specific equipment interface.
---
### 4. Typical Applications
The FTG-95-R is frequently used as a replacement part for high-end medical devices, including:
* **Hamilton Medical** Ventilators (Galileo, Raphael, C2/C3/C1 models).
* **GE/Datex-Ohmeda** anesthesia systems.
* **Draeger** oxygen monitoring modules.
---
### 5. Lifespan and Storage
* **Service Life:** Approximately 1,000,000 %-hours (roughly 2-3 years in air).
* **Storage:** Should be stored in its original sealed packaging to prevent the lead anode from depleting due to exposure to ambient oxygen.
- ⤷
What is the standard calibration procedure for the FTG-95-R sensor?
- ⤷ How does the NTC thermistor inside the sensor affect the voltage output?
- ⤷ What are the common failure symptoms of a depleted FTG-95-R sensor?