công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FTG-72-R

  • AI
    The **FTG-72-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Tuning Fork Crystal**. These components are essential in electronics for providing a stable clock signal or frequency reference, primarily used in timekeeping applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The "72" in the part number often refers to the package size (e.g., 7.0 x 1.5 mm), and the "R" typically indicates the packaging type (Tape & Reel). | Parameter | Typical Value | | :--- | :--- | | **Nominal Frequency** | 32.768 kHz (Standard for RTCs) | | **Frequency Tolerance** | ±20ppm (standard) | | **Load Capacitance ($C_L$)** | 6.0pF, 7.0pF, or 12.5pF | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Equivalent Series Resistance (ESR)** | 50k $\Omega$ to 70k $\Omega$ Max | | **Drive Level** | 1.0 $\mu$W Max | | **Aging** | ±3ppm / year | --- ## 2. Key Electronic Features ### A. Tuning Fork Technology The FTG-72-R utilizes a micro-machined quartz crystal shaped like a tuning fork. When an electric voltage is applied (via the piezoelectric effect), it vibrates at a very precise frequency, most commonly **32.768 kHz**. ### B. Low Power Consumption Because it operates at a low frequency with a very small drive level (microwatts), it is ideal for battery-powered devices that need to keep time even when the main processor is in sleep mode. ### C. Ceramic SMD Packaging The "FTG" series usually features a seam-sealed ceramic package. This provides: * **High Reliability:** Protection against humidity and oxidation. * **Reflow Soldering Compatibility:** Designed to withstand standard SMT production lines. --- ## 3. Typical Applications The FTG-72-R is used as the "heartbeat" for Real-Time Clock (RTC) modules. Common devices include: 1. **Smart Meters:** For accurate billing timeframes. 2. **IoT Devices:** To wake up sensors at specific intervals. 3. **Consumer Electronics:** Digital watches, cameras, and laptops. 4. **Automotive:** Dashboard clocks and ECU timing. --- ## 4. Design Considerations for Engineers If you are integrating this part into a PCB design, keep the following in mind: ```markdown 1. Keep traces between the crystal and the IC as short as possible. 2. Avoid routing high-speed signal lines under or near the crystal to prevent interference. 3. Ensure the Load Capacitors (C1, C2) match the specific Load Capacitance (CL) of the FTG-72-R model. ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions of the FTG-72-R package?
    • ⤷ How do I calculate the external load capacitors for this crystal?
    • ⤷ What are the common manufacturers for the FTG series crystals?