FTG-70-R
AI

The **FTG-70-R** is a specific electronic component primarily categorized as a **Surface Mount (SMD) Gas Discharge Tube (GDT)**. These components are designed to protect sensitive electronic equipment from voltage transients caused by lightning or power surges.
---
### 1. Key Technical Specifications
The following table highlights the critical electrical characteristics of the FTG-70-R:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **DC Spark-over Voltage** | 70V (±20%) | The voltage at which the device begins to conduct. |
| **Impulse Discharge Current** | 2kA (8/20μs) | The maximum surge current the device can handle. |
| **Insulation Resistance** | > 1 GΩ | Resistance when the device is in a non-conducting state. |
| **Capacitance** | < 0.5 pF | Extremely low, making it suitable for high-speed data lines. |
| **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. |
---
### 2. Physical and Material Properties
* **Construction:** It consists of two electrodes enclosed in a ceramic or glass cylinder filled with a specific noble gas mixture.
* **Form Factor:** Usually follows standard SMD sizing (like 4532 or 3216 metric) to fit compact circuit boards.
* **RoHS Compliance:** The "R" in the suffix often denotes compliance with environmental standards (Restriction of Hazardous Substances).
---
### 3. Functional Mechanism
The FTG-70-R operates as a high-speed switch:
1. **Normal State:** It acts as an open circuit with high impedance, invisible to the signals passing through.
2. **Surge Event:** When the voltage exceeds 70V, the gas inside ionizes (turns into plasma).
3. **Protection:** The ionized gas creates a low-resistance path, shunting the excess current to the ground and protecting downstream components.
4. **Reset:** Once the voltage drops below the "hold" level, the gas de-ionizes and the device returns to its high-impedance state.
---
### 4. Common Applications
Due to its low capacitance and reliable switching, it is frequently used in:
* **Telecommunications:** Protection for ADSL/VDSL lines.
* **Networking:** Ethernet ports and signal lines.
* **Consumer Electronics:** Power supplies and set-top boxes.
* **Industrial:** Protection for RS-485 or CAN bus interfaces.
- ⤷
What is the difference between a Gas Discharge Tube and a TVS Diode for surge protection?
- ⤷ How do I calculate the correct spark-over voltage for my circuit?
- ⤷ Can the FTG-70-R be used in AC power line filtering?