FTG-54-R
AI

The **FTG-54-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Fuse** or a specialized **Thermal Cut-off / Circuit Protector**. These parts are designed to protect electronic circuits from overcurrent or over-temperature conditions by breaking the connection when specific thresholds are met.
---
### 1. General Specifications
While specific datasheets can vary by manufacturer (often associated with brands like Bourns or specialized thermal fuse producers), the FTG-54-R generally follows these parameters:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Surface Mount Device (SMD) |
| **Function** | Circuit Protection (Thermal/Current) |
| **Mounting Type** | SMT (Surface Mount Technology) |
| **Configuration** | Single Element |
| **RoHS Status** | Compliant (indicated by the 'R' suffix) |
---
### 2. Key Electronic Features
The "FTG" series is often characterized by its high reliability in automotive and industrial power applications.
* **Thermal Sensitivity:** Unlike a standard fuse that only reacts to current, many FTG-style components are designed to react to excessive heat buildup on the PCB, providing a dual layer of protection.
* **Low Internal Resistance:** To prevent voltage drops across the component during normal operation, these parts are engineered with very low DCR (DC Resistance).
* **High Inrush Current Withstand:** Designed to allow temporary surges (like motor startups or capacitor charging) without "nuisance tripping."
---
### 3. Pinout and Physical Structure
The FTG-54-R typically utilizes a standard rectangular footprint for automated pick-and-place assembly.
```markdown
[ Top View ]
_________________
| |
| (Logo) | <-- Ceramic or Composite Body
| FTG-54 |
|_________________|
[Terminal 1] [Terminal 2]
```
---
### 4. Common Applications
Due to its robust design, the FTG-54-R is frequently found in:
1. **Battery Management Systems (BMS):** Protecting cells from thermal runaway.
2. **Power Supplies:** Acting as a secondary safety layer for AC/DC converters.
3. **Automotive Electronics:** Used in ECU protection and lighting modules.
4. **Consumer Electronics:** High-draw devices like power tools or vacuum cleaners.
---
### 5. Selection Considerations
When replacing or designing with an FTG-54-R, engineers must consider:
* **Holding Current ($I_{hold}$):** The maximum current the device can carry without tripping.
* **Tripping Current ($I_{trip}$):** The current level at which the device is guaranteed to open the circuit.
* **Maximum Voltage ($V_{max}$):** The maximum voltage the device can withstand when in the "open" state.
- ⤷
What is the exact tripping temperature for the FTG-54-R?
- ⤷ Is the FTG-54-R a resettable PPTC or a one-time blow fuse?
- ⤷ What are the recommended soldering profile settings for this SMD component?