FTG-3B-R/Q
AI

The **FTG-3B-R/Q** is a specific series of high-precision thermal gas mass flow meters/transmitters, typically associated with manufacturers like **Azbil (formerly Yamatake)** or specialized industrial sensor providers. These devices are designed to measure the mass flow rate of gases by utilizing thermal dispersion principles.
---
### 1. Key Electronic Components & Architecture
The device integrates several electronic sub-systems to convert physical heat transfer into a digital flow signal.
| Component | Function |
| :--- | :--- |
| **Mass Flow Sensor** | Consists of two platinum RTD (Resistance Temperature Detector) elements: one for fluid temperature and one for heating. |
| **Bridge Circuit** | A Wheatstone bridge configuration that detects the resistance differential between the sensors. |
| **Signal Conditioner** | Amplifies the micro-voltage signals from the bridge to a workable analog range. |
| **A/D Converter** | Converts the analog voltage signals into high-resolution digital data for processing. |
| **Microprocessor (MCU)** | Performs linearization, temperature compensation, and unit conversion calculations. |
| **I/O Interface** | Manages the 4-20mA current loop output and pulse/alarm outputs. |
---
### 2. Technical Specifications
The "R/Q" designation often refers to specific output configurations or range classifications within the FTG-3B series.
* **Operating Voltage:** Typically 24V DC.
* **Output Signal:** 4 to 20 mA DC (Linear to flow rate).
* **Communication:** Often includes RS-485 or specialized digital protocols for configuration.
* **Sensor Type:** Thermal dispersion (Constant temperature differential method).
---
### 3. Electronic Features
#### A. Temperature Compensation
Electronic gas flow meters must account for changes in the gas temperature. The FTG-3B uses a dedicated RTD to monitor the ambient gas temperature, allowing the microprocessor to adjust the flow calculation in real-time to maintain accuracy.
#### B. Display and User Interface
Most models feature an integrated LCD and push-buttons (or magnetic sensors for ATEX/Ex models) to allow:
* Instantaneous flow rate viewing.
* Totalized flow monitoring.
* Zero-point adjustment and scaling.
#### C. Circuit Protection
The electronics are housed in a ruggedized enclosure (often IP67 or NEMA 4X) and include:
* Reverse polarity protection.
* Surge protection for industrial environments.
* Electromagnetic Interference (EMI) filtering.
---
### 4. Wiring Diagram (Generic Representation)
```text
Terminal Function Description
--------------------------------------------------
1 Power (+) +24V DC Input
2 Power (-) 0V / Common
3 Signal (+) 4-20mA Output (Source)
4 Signal (-) Common Ground
5 Pulse (+) Frequency/Pulse Output
6 Pulse (-) Common
```
---
- ⤷
What are the specific gas types compatible with the FTG-3B-R/Q?
- ⤷ How do you perform a zero-point calibration on this specific model?
- ⤷ Is the FTG-3B series rated for hazardous (Ex) environments?