FTG-32-R
AI

The **FTG-32-R** refers to a high-performance **Fine-pitch Board-to-FPC (Flexible Printed Circuit)** connector, typically manufactured by companies like Hirose or similar high-end electronic component firms. It is designed for compact electronic devices where space is limited but high signal integrity is required.
---
### 1. Key Technical Specifications
The "32" in the part number generally refers to the number of positions (pins). Below are the typical electronic characteristics of this series:
| Parameter | Typical Value |
| :--- | :--- |
| **Number of Contacts** | 32 Pins |
| **Pitch** | 0.35 mm or 0.4 mm (Fine-pitch) |
| **Current Rating** | 0.3A to 1.0A per pin |
| **Voltage Rating** | 30V - 50V AC/DC |
| **Contact Resistance** | Max 100 mΩ |
| **Operating Temperature** | -35°C to +85°C |
---
### 2. Major Electronic Components & Materials
The construction of the FTG-32-R involves specific materials to ensure electrical conductivity and mechanical durability:
* **Contacts (Terminals):** Usually made of **Phosphor Bronze** with **Gold plating** over Nickel. Gold is used to prevent oxidation and maintain low contact resistance over time.
* **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer). This material is chosen because it can withstand the heat of **Reflow Soldering** without deforming.
* **Metal Solder Tabs (Shielding/Fitting Nails):** These are additional metal parts on the sides of the connector that are soldered to the PCB to provide mechanical strain relief and, in some versions, EMI grounding.
---
### 3. Application Areas
Because of its small footprint and reliability, the FTG-32-R is commonly found in:
1. **Smartphones:** Connecting the display or camera module to the main logic board.
2. **Wearables:** Used in smartwatches and fitness trackers where internal volume is extremely restricted.
3. **Medical Devices:** Small handheld diagnostic tools.
4. **Tablets/Laptops:** Internal routing for sub-boards (USB boards, sensor arrays).
---
### 4. Mounting and Integration
The part is an **SMT (Surface Mount Technology)** component.
```markdown
# Soldering Guidelines
1. Solder Paste: Lead-free SAC305 is recommended.
2. Stencil Thickness: 0.1mm to 0.12mm for precise deposition.
3. Pick-and-Place: Compatible with vacuum nozzles for automated assembly.
```
---
- ⤷What is the exact pitch measurement for the FTG-32-R?
- ⤷ Is there a specific mating connector required for this part?
- ⤷ What are the recommended reflow soldering profiles for LCP housings?