công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FT810Q-R

  • AI
    ## Overview of the FT810Q-R The **FT810Q-R** is an advanced Embedded Video Engine (EVE) chip developed by Bridgetek (formerly FTDI Chip). It is designed to offload the graphical processing tasks from a system's Microcontroller (MCU) to a dedicated high-performance graphics engine. --- ### Core Specifications The following table summarizes the key technical parameters of the FT810Q-R: | Feature | Specification | | :--- | :--- | | **Series** | EVE2 (Embedded Video Engine) | | **Package** | VQFN-48 | | **Max Resolution** | 800 x 600 pixels (SVGA) | | **Color Depth** | 18-bit or 24-bit (16.7M colors) | | **Interface** | SPI, Dual SPI, Quad SPI (up to 30MHz) | | **Touch Support** | Resistive Touch Controller | | **Internal Memory** | 1 MB Graphics RAM | | **Operating Voltage** | 3.3V I/O (1.2V Core via internal LDO) | --- ### Key Electronic Components & Subsystems #### 1. Graphics Engine The heart of the FT810Q-R is the object-oriented graphics engine. Instead of manipulating individual pixels, the MCU sends a **Display List** (commands like `Draw Line`, `Draw Circle`, `Load Image`). The FT810Q-R then renders these onto the screen frame by frame. #### 2. Memory Architecture - **RAM_G (1MB):** Stores bitmaps, fonts, and display lists. - **ROM:** Contains built-in fonts, icons, and pre-recorded audio samples. - **Palette RAM:** Supports 256-color paletted modes to save memory. #### 3. Touch Controller The FT810Q-R features a built-in **Resistive Touch Engine**. - It includes a 10-bit ADC for high-precision coordinate detection. - It can handle touch tracking (up to 255 tags) and gesture recognition internally. #### 4. Audio Engine It includes a sound synthesizer and a PWM output. - **Audio Playback:** Supports Mono 8-bit PCM, 4-bit ADPCM, and μ-Law formats at sampling frequencies from 8kHz to 48kHz. - **Built-in Sounds:** Features 60+ pre-programmed MIDI-like sound effects (beeps, alarms, clicks). #### 5. Video Output (RGB Interface) It outputs digital RGB signals. - **Pins:** Red (6-bit), Green (6-bit), Blue (6-bit). - **Synchronization:** HSYNC, VSYNC, DE (Data Enable), and PCLK (Pixel Clock). --- ### Typical Application Circuit When designing with the FT810Q-R, the following external components are usually required: ```mermaid graph LR MCU -- SPI/QSPI --> FT810Q FT810Q -- RGB Interface --> LCD_Panel FT810Q -- 4-wire --> Touch_Screen FT810Q -- PWM --> Audio_Amplifier Crystal(12MHz Crystal) --- FT810Q ``` 1. **Crystal Oscillator:** Typically requires a 12MHz crystal for clock generation. 2. **Decoupling Capacitors:** Essential for power stability (0.1uF and 10uF on VCC pins). 3. **Backlight Driver:** The FT810Q-R provides a PWM output to control the brightness of the LCD backlight via an external driver chip. --- ### Advantages over Standard Controllers * **Low Bandwidth:** Uses SPI instead of a complex parallel bus. * **Reduced MCU Load:** The MCU doesn't need to calculate pixel data, allowing even 8-bit AVR or PIC controllers to drive high-resolution screens. * **Small Footprint:** The VQFN-48 package is very compact for space-constrained designs.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the FT810 and the FT811/FT812 models?
    • ⤷ Can the FT810Q-R handle video playback or just static images?
    • ⤷ How do I interface a 24-bit LCD if the FT810Q-R only supports 18-bit output?