công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FST8340M

  • AI
    The **FST8340M** is a high-performance, high-current power rectifier module. Specifically, it is a **Schottky Barrier Rectifier** designed for high-frequency switching and low power loss. --- ### 1. Key Technical Specifications The electrical characteristics define its suitability for industrial power supplies and heavy-duty battery charging. | Parameter | Value | | :--- | :--- | | **Configuration** | Common Cathode (Dual Diode) | | **Max Average Forward Current ($I_{F(AV)}$)** | 80 Amps (40A per leg) | | **Max Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 40 Volts | | **Forward Voltage Drop ($V_F$)** | ~0.70V at 40A | | **Operating Temperature Range** | -55°C to +150°C | | **Package Type** | TO-244 / TO-244AB | --- ### 2. Physical Construction and Package The FST8340M utilizes a robust industrial package designed for high-current handling and thermal management. * **Internal Layout:** It contains two Schottky diodes sharing a common cathode. This allows for full-wave rectification when used in center-tap transformer configurations. * **Mechanical Studs:** Features heavy-duty screw terminals to prevent high-resistance connections under high current loads. * **Thermal Base:** The module features a metal base plate designed to be bolted directly to a heat sink to dissipate the heat generated during the rectification process. --- ### 3. Advantages of the Schottky Design The "Schottky" technology inside the FST8340M offers several benefits over standard silicon rectifiers: 1. **Low Forward Voltage:** Because the voltage drop is lower than standard diodes (~0.7V vs ~1.1V), it generates significantly less heat and is more efficient. 2. **Fast Switching:** Schottky diodes are majority carrier devices. They have negligible reverse recovery time ($t_{rr}$), making them ideal for high-speed switching power supplies (SMPS). 3. **Low Noise:** High-speed switching reduces electromagnetic interference (EMI) compared to standard recovery diodes. --- ### 4. Typical Applications The FST8340M is commonly found in the following electronic systems: * **Switching Power Supplies (SMPS):** Used on the secondary side of transformers for high-current DC output. * **Battery Chargers:** Efficiently converting AC to DC for large industrial batteries. * **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow from one power source to another. * **Freewheeling Diodes:** Protecting circuits from voltage spikes in inductive motor drives.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the FST8340M and a standard silicon diode bridge?
    • ⤷ How should I calculate the heat sink requirements for an 80A load on this module?
    • ⤷ Can the FST8340M be used in parallel to increase current capacity?