công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FST8280SL

  • AI
    The **FST8280SL** is a high-performance power semiconductor, specifically a **Schottky Barrier Rectifier**. It is designed for high-frequency switching applications where low power loss and high efficiency are critical. --- ### 1. Key Technical Specifications The part number typically indicates specific electrical ratings. Below is a breakdown of its primary characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Average Rectified Current ($I_{F(AV)}$)** | 80 Amps | Maximum continuous current rating. | | **Peak Reverse Voltage ($V_{RRM}$)** | 80 Volts | Maximum voltage the diode can withstand in reverse bias. | | **Forward Voltage Drop ($V_F$)** | ~0.70V - 0.75V | Low voltage drop compared to standard diodes, reducing heat. | | **Configuration** | Dual (Common Cathode) | Often comes in a center-tap configuration with two diodes. | | **Package Type** | TO-247 or SOT-227 | High-power packages designed for heatsink mounting. | --- ### 2. Physical and Internal Structure The "FST" prefix usually refers to a specific series of Schottky modules. * **Schottky Barrier Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-semiconductor junction. This results in **ultra-fast switching** speeds because there is no minority carrier recovery time. * **Thermal Management:** The part is usually housed in a package with a thermally conductive baseplate. This allows the component to dissipate the significant heat generated when running at high currents (up to 80A). --- ### 3. Common Applications Due to its high current capacity and fast switching, the FST8280SL is found in: 1. **Switching Mode Power Supplies (SMPS):** Used for output rectification to convert AC/High-frequency signals to DC. 2. **DC-DC Converters:** High-efficiency power conversion in industrial equipment. 3. **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow. 4. **Free-wheeling Diodes:** Protecting circuits from inductive spikes in motor controllers. --- ### 4. Advantages and Limitations #### Advantages: * **Low Power Loss:** The low $V_F$ ensures less energy is wasted as heat. * **High Speed:** Ideal for high-frequency circuits (MHz range). * **High Surge Capacity:** Can handle temporary spikes in current without failing. #### Limitations: * **Reverse Leakage:** Schottky diodes have higher reverse leakage current than standard diodes, which increases with temperature. * **Voltage Ceiling:** Generally limited to lower voltage applications (under 200V) compared to silicon-carbide or standard silicon diodes.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for an 80A Schottky rectifier?
    • ⤷ How does the FST8280SL compare to a standard recovery diode in terms of efficiency?
    • ⤷ Can this component be used in parallel to increase current capacity?