công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FST8260SL

  • AI
    The **FST8260SL** is a high-performance, low-profile power rectifier component. It belongs to the Schottky Barrier Diode family and is specifically designed for high-frequency switching and low power loss applications. --- ## Technical Specifications The following table summarizes the primary electrical and physical characteristics of the FST8260SL: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Rectifier | High-speed semiconductor diode | | **Configuration** | Common Cathode | Dual diode chip configuration | | **Max. Average Forward Current ($I_{F(AV)}$)** | 80 Amps | 40A per leg | | **Max. Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 60 Volts | Maximum repetitive blocking voltage | | **Max. Forward Voltage Drop ($V_F$)** | ~0.70V to 0.75V | Measured at rated current | | **Operating Temperature Range** | -55°C to +150°C | Junction temperature limits | | **Package Type** | TO-249 / Flat Pack | Low profile, surface mountable power package | --- ## Key Features ### 1. Low Forward Voltage Drop Because it is a Schottky diode, it utilizes a metal-to-silicon junction rather than a P-N junction. This results in a significantly lower forward voltage drop compared to standard silicon diodes, leading to higher efficiency and reduced heat generation. ### 2. Guard Ring Construction The internal die typically includes a guard ring for transient protection. This helps the device handle over-voltage stress and improves overall reliability under rugged operating conditions. ### 3. High Surge Capacity The FST8260SL is capable of handling high non-repetitive peak surge currents (typically several hundred amps for a short duration), making it suitable for circuits with capacitive loads. --- ## Common Applications The FST8260SL is primarily used in power management and conversion circuits where efficiency and heat dissipation are critical: * **Switching Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC to DC. * **DC-DC Converters:** Acts as a freewheeling diode or polarity protection element. * **Battery Management Systems:** Used for reverse battery protection due to the low power loss. * **Solar Inverters:** Employed in bypass or blocking diode configurations. --- ## Thermal Management Due to the high current rating (80A), the FST8260SL generates significant heat during operation. It is designed with a metal base plate intended for direct mounting to a heatsink or a heavy copper PCB plane to ensure the junction temperature stays within safe limits.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the FST8260SL and a standard P-N junction rectifier?
    • ⤷ How does the 'Common Cathode' configuration affect circuit wiring?
    • ⤷ What is the typical reverse leakage current for this device at its maximum rated voltage?