công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FST6800QSC

  • AI
    The **FST6800QSC** is a specific electronic component belonging to the **Bus Switch** family. It is manufactured by Fairchild Semiconductor (now part of **onsemi**). This device is a 10-bit pre-charged bus switch designed for high-speed data switching with minimal propagation delay. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of the FST6800QSC: | Parameter | Specification | | :--- | :--- | | **Logic Type** | 10-Bit Bus Switch | | **Package Type** | QSOP-24 (Quarter Size Outline Package) | | **Supply Voltage (Vcc)** | 4.0V to 5.5V | | **Propagation Delay** | < 0.25 ns (nearly zero) | | **On-State Resistance** | Typ. 4Ω to 8Ω | | **Operating Temperature** | -40°C to +85°C | | **Function** | Pre-charged outputs to minimize noise | --- ### ## Key Features The "FST" series (Fairchild Switch Technology) offers several distinct advantages in circuit design: 1. **Zero Propagation Delay:** The device acts as a low-resistance wire when closed, meaning it does not add significant timing delays to the signal path. 2. **Pre-charge Voltage:** The "6800" variant includes a pre-charge feature. This biases the output to a specific voltage level (usually 1.5V to 2.5V) while the switch is open, reducing "glitching" and noise when the switch transitions to an ON state. 3. **Low Power Consumption:** Since it is a CMOS device, it consumes very little static power, making it ideal for battery-operated or energy-efficient systems. 4. **Hot Swap Capability:** It is designed to handle "live insertion" scenarios where components are plugged into a powered system. --- ### ## Pinout and Functionality The device consists of 10 individual switches controlled by a single **Output Enable (OE)** pin. - **Pins 1-10 (A0-A9):** Input/Output ports for the bus. - **Pins 13-22 (B0-B9):** Corresponding Input/Output ports. - **Pin 24 (Vcc):** Power supply. - **Pin 12 (GND):** Ground. - **Pin 23 (OE):** Active Low Output Enable. When LOW, the switches are closed (A connects to B). When HIGH, the switches are open (high impedance). --- ### ## Common Applications * **Memory Interleaving:** Switching between different banks of SDRAM. * **Bus Isolation:** Separating high-capacitance bus segments to maintain signal integrity. * **Voltage Level Translation:** Used in mixed 3.3V/5V environments. * **Hot-Plug Protection:** Protecting sensitive processors during the connection of peripherals.
    ✨ Follow-up Questions
    • ⤷ What is the difference between FST6800 and a standard 74HC244 buffer?
    • ⤷ Can the FST6800 be used for bidirectional data transfer?
    • ⤷ What are the recommended layout practices for QSOP-24 packages to minimize noise?