FST3383QSC
AI

The **FST3383QSC** is a high-speed CMOS 10-bit bus switch/exchange switch manufactured by Fairchild Semiconductor (now part of onsemi). It is designed to facilitate high-speed data switching with minimal propagation delay.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the FST3383QSC.
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | FST (Bus Switch) |
| **Number of Bits** | 10-Bit (5-bit exchange) |
| **Supply Voltage ($V_{CC}$)** | 4.0V to 5.5V |
| **On-Resistance ($R_{ON}$)** | 4Ω (Typical) at 5V |
| **Propagation Delay** | 0.25 ns (Max) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | QSOP-24 (Quarter Size Outline Package) |
---
## 2. Pin Configuration and Functions
The device operates as a 10-bit bus switch or a 5-bit bus exchange. The control pins determine how the A and B ports are connected.
### Key Control Logic
| Control Pin ($\overline{BE}$) | Bus Exchange ($BX$) | Connection State |
| :--- | :--- | :--- |
| High (1) | X (Don't Care) | Disconnected (Hi-Z) |
| Low (0) | Low (0) | Direct: $A_n$ to $B_n$ |
| Low (0) | High (1) | Exchange: $A_n$ to $B_{n+1}$ |
---
## 3. Key Features
* **Low On-Resistance:** The 4Ω resistance ensures that the switch does not significantly degrade the signal integrity or timing.
* **Zero Propagation Delay:** Because it acts as a simple wire connection when enabled, it introduces virtually no delay compared to standard logic gates.
* **Hot Insertion Capable:** The device supports "hot-swapping," meaning it can be connected/disconnected while the system is powered.
* **TTL Compatible Inputs:** Control inputs are compatible with standard TTL voltage levels.
---
## 4. Common Applications
The FST3383QSC is typically used in environments where high-speed data routing is required without adding logic complexity:
1. **Memory Interleaving:** Switching between different banks of SDRAM.
2. **Bus Swapping:** Exchanging data bytes in 16-bit or 32-bit systems.
3. **Signal Isolation:** Disconnecting a subsystem from the main bus to reduce capacitive loading.
4. **Voltage Level Translation:** If $V_{CC}$ is limited, it can be used for basic 5V to 3.3V level shifting.
---
- ⤷
What are the main differences between the FST3383 and the FST3384?
- ⤷ Can the FST3383 be used for bidirectional data transmission?
- ⤷ How does the 'Exchange' mode work for memory bank switching?