công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FST3383

  • AI
    ## Detailed Overview of the FST3383 The **FST3383** is a high-performance **10-bit Low Power Bus Exchange Switch**. It is primarily used in computing and networking environments to facilitate high-speed signal switching and bus swapping with minimal propagation delay. --- ### 1. Key Features and Specifications The FST3383 is designed to provide "near-zero" propagation delay, making it ideal for high-speed data paths. | Feature | Description | | :--- | :--- | | **Bit Width** | 10-Bit (Dual 5-bit exchange) | | **Operating Voltage** | 4.0V to 5.5V | | **On-Resistance ($R_{on}$)** | Typically 5Ω | | **Propagation Delay** | < 0.25 ns | | **Quiescent Current** | Low power CMOS (typically < 10µA) | | **Logic Type** | Bus Switch / Exchange Switch | --- ### 2. Pin Configuration and Internal Logic The FST3383 operates as a 10-bit switch divided into two sets. The "Exchange" feature allows the device to flip signals between different ports, which is useful for byte-swapping or bus-multiplexing. #### Control Logic Table The behavior of the switch is determined by control pins (usually labeled **BE** for Bus Enable and **BX** for Bus Exchange). | BE (Enable) | BX (Exchange) | Configuration | | :--- | :--- | :--- | | High | X (Don't care) | Disconnected (Hi-Z) | | Low | Low | A Port = B Port (Direct Pass) | | Low | High | A Port ↔ B Port (Swapped/Exchanged) | --- ### 3. Electronic Functional Blocks 1. **N-Channel Pass Transistor:** The core of the device. When the switch is enabled, the N-channel MOSFET acts as a very low-resistance wire. 2. **Control Logic:** CMOS circuitry that decodes the `BE` and `BX` inputs to drive the gates of the internal transistors. 3. **Undershoot Protection:** Most modern FST series chips include circuitry to handle signal undershoot (clamping) to prevent data corruption. --- ### 4. Common Applications * **Memory Interleaving:** Swapping data lines between memory banks. * **Bus Multiplexing:** Sharing a single data bus between two different processors or peripherals. * **Hot-Swap Applications:** Isolating sections of a backplane during live insertion. * **Voltage Translation:** Using the $V_{cc}$ level and N-channel characteristics to perform basic 5V to 3.3V logic level shifting. --- ### 5. Package Types The FST3383 is commonly found in surface-mount packages to minimize board space and lead inductance: * **SOIC** (Small Outline Integrated Circuit) * **QSOP** (Quarter Size Outline Package) * **TSSOP** (Thin Shrink Small Outline Package)
    ✨ Follow-up Questions
    • ⤷ How does the FST3383 compare to the FST3384 in terms of functionality?
    • ⤷ What are the limitations of using the FST3383 for voltage level shifting?
    • ⤷ Can the FST3383 handle bidirectional data flow?