công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FST32211

  • AI
    ## Overview of the FST32211 The **FST32211** is a high-performance, 24-bit to 48-bit bus switch designed by Fairchild Semiconductor (now part of ON Semiconductor). It is primarily used in computing and networking environments where high-speed data switching and low propagation delay are critical. --- ### 1. Key Technical Specifications The device acts essentially as a high-speed electronic bridge. When enabled, it connects two ports with very low resistance. | Feature | Specification | | :--- | :--- | | **Type** | Low Resistance Bus Switch | | **Voltage Range** | 4.0V to 5.5V | | **Resistance ($R_{on}$)** | ~4$\Omega$ (Typical) | | **Propagation Delay** | < 0.25 ns | | **Input Capacitance** | ~5 pF (Typical) | | **Number of Bits** | 24-bit to 48-bit multiplexing/demultiplexing | --- ### 2. Functional Characteristics The FST32211 is built using **NMOS pass-gate technology**. This provides several advantages in digital circuit design: * **Zero Propagation Delay:** Because it is a simple switch and not a buffer or a logic gate, it introduces almost no timing delay (less than 250 picoseconds), which is vital for high-speed memory buses. * **Bi-directional Data Flow:** Data can flow from Port A to Port B or vice versa without needing a direction control pin. * **Hot Plug Support:** It is designed to handle "Live Insertion," meaning it can be plugged into a powered system without damaging the components. * **Low Power Consumption:** Since it doesn't amplify signals, it consumes minimal static power. --- ### 3. Pin Configuration and Operation The device is usually housed in a high-density package like a **TSSOP** (Thin Shrink Small Outline Package) or **FBGA**. * **$A_n$ / $B_n$ Pins:** These are the I/O ports for the data bits. * **$\overline{OE}$ (Output Enable):** This is an active-low pin. * When **Low (0)**: The switch is ON, and data passes between ports. * When **High (1)**: The switch is OFF, and the ports are in a high-impedance state (isolated). * **SEL (Select):** Used in multiplexing modes to choose which path the data takes. --- ### 4. Common Applications The FST32211 is most commonly found in architectures where multiple components need to share a single data bus: 1. **DDR SDRAM Memory Modules:** Used to switch signals between different memory ranks. 2. **Bus Isolation:** Isolating a faulty section of a circuit board to prevent the whole system from crashing. 3. **Voltage Translation:** Can be used for 5V to 3.3V translation when the $V_{cc}$ is set correctly. 4. **Signal Multiplexing:** Routing data from one processor to multiple peripheral sets. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the FST32211 and a standard 74-series logic buffer?
    • ⤷ How does the NMOS pass-gate technology affect signal voltage levels?
    • ⤷ In what specific server architectures is the 24-bit to 48-bit configuration most useful?