công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FST192

  • AI
    The **FST192** typically refers to a high-speed CMOS bus switch integrated circuit (IC). It is a member of the FST (Fast Switch Technology) family, designed for high-performance signal routing and bus isolation with minimal propagation delay. --- ## 1. Core Specifications The FST192 is essentially a 10-bit to 10-bit bus switch. Below are the typical electronic characteristics: | Parameter | Value | | :--- | :--- | | **Logic Family** | CMOS / FST | | **Number of Channels** | 10-Bit (1-of-1) | | **Supply Voltage ($V_{CC}$)** | 4.0V to 5.5V | | **Propagation Delay** | < 0.25 ns (Negligible) | | **On-Resistance ($R_{on}$)** | 5Ω to 15Ω (Typical) | | **Input/Output Type** | TTL Compatible | --- ## 2. Pin Configuration and Logic The device usually operates as a bidirectional bridge. When the control signal is active, the inputs and outputs are connected via a low-resistance NMOS transistor. ### Logic Table | Output Enable ($\overline{OE}$) | State | | :--- | :--- | | **Low (L)** | Port A connected to Port B | | **High (H)** | Disconnected (High Impedance) | --- ## 3. Key Electronic Features * **Zero Propagation Delay:** Because it acts as a mechanical-like switch (FET), it does not add the clock-cycle delays associated with standard logic buffers. * **Low On-Resistance:** The internal NMOS switch has very low resistance, minimizing signal distortion and voltage drops. * **Hot Swap Capability:** Most versions support "Live Insertion," meaning they can be plugged into a powered backplane without damaging the bus or the IC. * **Bus Isolation:** Provides a high-impedance state when disabled, preventing noise or unwanted data from leaking onto the main system bus. --- ## 4. Common Applications 1. **Bus Exchange:** Swapping data lines between two different processors or peripherals. 2. **Voltage Level Translation:** When used with a diode or specific $V_{CC}$ settings, it can bridge 5V and 3.3V logic levels. 3. **Memory Interleaving:** Routing address/data lines to different memory banks in high-speed computing. 4. **Signal Multiplexing:** Selecting between different input sources for a single controller. --- ## 5. Circuit Implementation Example The following pseudo-code/schematic logic represents how the OE (Output Enable) pin is used in a microcontroller environment: ```c // Toggle FST192 Bus Connection void connect_bus(bool enable) { if (enable) { digitalWrite(OE_PIN, LOW); // Switch ON (A <-> B) } else { digitalWrite(OE_PIN, HIGH); // Switch OFF (High-Z) } } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between FST192 and a standard 74HC245 buffer?
    • ⤷ How can the FST192 be used for 5V to 3.3V level shifting?
    • ⤷ What are the power consumption characteristics in standby mode?