công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FST162

  • AI
    The **FST16211** (commonly referred to as the FST162) is a high-speed CMOS 24-bit Bus Switch. It is widely used in digital systems for signal routing, isolation, and voltage level translation. --- ### 1. Key Technical Specifications The device functions as a set of high-speed electronic switches that connect two ports (A and B) with minimal propagation delay. | Feature | Description | | :--- | :--- | | **Bit Width** | 24-bit (organized as 12-bit x 2) | | **Propagation Delay** | < 0.25 ns (Extremely fast) | | **On-Resistance ($R_{on}$)** | ~5 $\Omega$ (Typical) | | **Voltage Range** | 4.0V to 5.5V | | **Control Logic** | TTL Compatible inputs | --- ### 2. Functional Architecture The FST16211 consists of 24 independent switches. These are typically divided into two banks of 12 switches each, controlled by Output Enable ($\overline{OE}$) pins. - **Low Propagation Delay:** Because the switch behaves like a small resistor when closed, it does not add significant timing overhead to high-speed data buses. - **Bi-directional:** Data can flow from Port A to Port B or Port B to Port A without a direction control pin. - **Zero-Delay Switching:** It acts as a wire when enabled and provides high impedance (isolation) when disabled. --- ### 3. Common Applications The FST162 series is primarily used in computing and telecommunications hardware for the following tasks: 1. **Bus Isolation:** Separating a busy CPU bus from peripheral components to reduce capacitive loading. 2. **Hot-Plugging:** Allowing components to be inserted or removed without crashing the system by isolating the electrical path during the transition. 3. **Voltage Level Translation:** When used with a diode or specific biasing, it can safely interface 5V logic with 3.3V logic. 4. **Signal Multiplexing:** Routing data from one source to multiple potential destinations. --- ### 4. Pinout Overview (Typical 56-pin SSOP/TSSOP) * **$1A_1 - 12A_1$**: Data Inputs/Outputs (Bank 1). * **$1B_1 - 12B_1$**: Data Inputs/Outputs (Bank 1). * **$\overline{OE}_1, \overline{OE}_2$**: Active-low Enable pins. * **$V_{CC}$**: Power Supply. * **GND**: Ground.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FST16211 and a standard 74-series logic buffer?
    • ⤷ How does the FST16211 achieve level translation from 5V to 3.3V?
    • ⤷ What happens to the signal if the OE pin is pulled high?