FSP-1A-R
AI

The **FSP-1A-R** is a specific electronic component primarily identified as a **high-reliability reed sensor/switch**, often manufactured by companies like Standex Electronics (MEDER). These parts are designed for proximity sensing, security systems, and industrial automation.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic characteristics for the FSP-1A-R series:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Contact Form** | Form 1A (SPST-NO) | Single Pole Single Throw - Normally Open. |
| **Max Switching Voltage** | 200 VDC | The maximum voltage the contacts can break. |
| **Max Switching Current** | 0.5 A | The maximum current allowed during switching. |
| **Power Rating** | 10 W | Maximum contact rating (Voltage × Current). |
| **Contact Resistance** | < 150 mΩ | Typical resistance when the switch is closed. |
| **Housing Material** | Plastic/Epoxy | Designed for environmental protection. |
---
### 2. Physical Construction and Working Principle
The "Electronic Parts" within the FSP-1A-R consist of several critical sub-components:
1. **Reed Blades:** Two ferromagnetic blades (usually a nickel-iron alloy) hermetically sealed inside a glass envelope.
2. **Contact Plating:** The tips of the blades are often plated with **Rhodium or Ruthenium**. This ensures high conductivity and prevents the contacts from "sticking" or oxidizing over millions of cycles.
3. **Molded Housing:** The "R" in the suffix often denotes a specific lead configuration or a ruggedized molded package that protects the fragile glass reed from mechanical stress.
4. **Magnetic Actuation:** Being a passive component, it does not require power to "wait" for a signal. It closes its circuit only when a magnetic field (from a permanent magnet or electromagnet) is brought within range.
---
### 3. Common Applications
Due to its hermetic seal and high reliability, the FSP-1A-R is utilized in:
* **Proximity Sensing:** Detecting if a door or panel is open/closed.
* **Liquid Level Sensing:** Used inside floats to trigger high/low alarms.
* **Safety Interlocks:** Ensuring machine guards are in place before operation.
* **Pulse Counting:** Acting as a sensor for flow meters.
---
### 4. Advantages of this Specific Component
* **Isolation:** Since the contacts are sealed in glass, they are immune to explosive atmospheres, dust, and moisture.
* **Zero Power Consumption:** It consumes no electricity in its quiescent state.
* **Long Life:** Capable of reaching over $10^7$ or $10^8$ switching cycles under low loads.
- ⤷
What is the difference between Form 1A and Form 1C in reed switches?
- ⤷ How do I calculate the pull-in/drop-out sensitivity for the FSP-1A-R?
- ⤷ What are the recommended protection circuits for switching inductive loads with this part?