AI

The **FSMD260-2920-R** is a surface-mount (SMD) **Polymeric Positive Temperature Coefficient (PPTC)** device, commonly referred to as a **Resettable Fuse**. It is manufactured by **Formosa Microsemi** and is designed to protect electronic circuits from overcurrent and over-temperature conditions.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of the FSMD260-2920-R:
| Parameter | Specification | Description |
|:---|:---|:---|
| **Hold Current ($I_{hold}$)** | 2.60 A | Max current the device will pass without tripping. |
| **Trip Current ($I_{trip}$)** | 5.20 A | Min current at which the device will switch to high resistance. |
| **Rated Voltage ($V_{max}$)** | 6.0 V | Maximum voltage the device can withstand without damage. |
| **Max Current ($I_{max}$)** | 100 A | Maximum fault current the device can safely interrupt. |
| **Package Size** | 2920 (7555 Metric) | Dimensions: approx. 7.5mm x 5.5mm. |
| **Resistance ($R_{min}/R1_{max}$)** | 0.015 - 0.050 $\Omega$ | Initial resistance and post-trip resistance range. |
---
### 2. How it Functions (PPTC Principle)
The FSMD260-2920-R operates based on the thermal properties of a conductive polymer:
1. **Normal State:** Under normal operating currents, the polymer is in a crystalline state with conductive carbon particles forming a low-resistance path.
2. **Tripped State:** When an overcurrent occurs, $I^2R$ heating causes the polymer temperature to rise. Once it hits a threshold, the polymer expands into an amorphous state, breaking the carbon chains. The resistance increases dramatically, limiting the current to a safe leakage level.
3. **Reset:** Once the fault is removed and the power is cycled or the device cools down, the polymer shrinks, re-establishing the conductive paths.
---
### 3. Application Use Cases
This specific part is often found in high-current, low-voltage environments:
* **USB Ports:** Protection for USB 2.0/3.0 ports and hubs.
* **Battery Packs:** Protection against short circuits in Li-ion or NiMH battery charging circuits.
* **Motherboards:** Protecting sensitive traces on computer peripherals.
* **Power Supplies:** Secondary protection for DC-DC converters.
---
### 4. Code Implementation Example (Monitoring)
While a fuse is a passive component, in high-reliability systems, you might monitor the voltage drop across it using an ADC to detect a "Tripped" state:
```python
# Simple Logic for Trip Detection
def check_fuse_status(adc_voltage_drop, current_draw):
# Resistance of FSMD260 is approx 0.02 Ohms
expected_drop = current_draw * 0.02
if adc_voltage_drop > (expected_drop * 10):
return "TRIPPED: High Resistance Detected"
else:
return "NORMAL"
```
---
- ⤷What are the soldering temperature requirements for the 2920 package?
- ⤷ How does ambient temperature affect the 2.6A hold current rating?
- ⤷ Can this fuse be used in 12V or 24V automotive applications?