FSMD250-2920-R
AI

The **FSMD250-2920-R** is a Surface Mount Device (SMD) **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse. It is commonly used in electronic circuits to provide overcurrent protection without the need for manual replacement after a fault.
---
## 1. Technical Specifications
The following table outlines the key electrical and physical parameters for this specific component:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | FSMD250-2920-R |
| **Package Type** | 2920 (Metric 7550) |
| **Hold Current ($I_{hold}$)** | 2.50 Amperes |
| **Trip Current ($I_{trip}$)** | 5.00 Amperes |
| **Max Voltage ($V_{max}$)** | 15 Volts |
| **Max Current ($I_{max}$)** | 100 Amperes |
| **Typical Power ($P_d$)** | 1.50 Watts |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Operating Principle
Unlike a standard fuse that melts and creates an air gap (breaking the circuit permanently), the PPTC operates as follows:
1. **Normal State:** The conductive polymer is in a crystalline state, allowing electrons to flow easily (low resistance).
2. **Fault State (Overcurrent):** When current exceeds the trip threshold, $I^2R$ heating causes the polymer to expand and become amorphous.
3. **High Resistance:** This expansion breaks the conductive paths, increasing resistance significantly and dropping the current to a safe leakage level.
4. **Reset:** Once the fault is removed and the device cools down, the polymer contracts, and the conductive paths are restored.
---
## 3. Key Features and Applications
### Features
* **Surface Mount Design:** Optimized for automated PCB assembly.
* **Resettable:** Reduces maintenance costs and improves product uptime.
* **Fast Response:** Quickly reacts to fault currents to protect sensitive downstream components.
* **RoHS Compliant:** Lead-free and environmentally friendly.
### Common Applications
* **Computer Peripherals:** USB ports, IEEE 1394 (Firewire) protection.
* **Battery Packs:** Protecting Li-ion cells from short circuits.
* **Telecommunications:** Protection for line cards and networking equipment.
* **Industrial Controls:** Low-voltage power supply protection.
---
## 4. Soldering Profile (Reflow)
Because this is an SMD part, it must be soldered using standard reflow profiles. Excessive heat duration can permanently damage the polymer structure.
```markdown
Recommended Reflow Settings:
- Preheat Temp: 150°C to 200°C
- Peak Temperature: 260°C (Max)
- Time above 217°C: 60 - 150 seconds
```
- ⤷What is the difference between I_hold and I_trip in this fuse?
- ⤷ How does ambient temperature affect the performance of the FSMD250?
- ⤷ Can this fuse be used for high-voltage AC applications?