FSMD020-0603-R
AI

The **FSMD020-0603-R** is a surface-mount Resettable PTC (Positive Temperature Coefficient) Fuse, commonly referred to as a **PolySwitch** or **PPTC**. It is manufactured by companies like **Formosa MS** and is designed to protect electronic circuits from overcurrent and short-circuit conditions.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature indicating its footprint and electrical rating.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | FSMD | Formosa Surface Mount Device |
| **Hold Current ($I_{hold}$)** | 0.20 A (200mA) | Max current the device can carry without tripping. |
| **Package Size** | 0603 (EIA) | Physical dimensions (approx. 1.6 x 0.8 mm). |
| **Max Voltage ($V_{max}$)** | 9.0 V - 15.0 V | Maximum voltage the device can withstand. |
| **Max Current ($I_{max}$)** | 40 A | Maximum fault current the device can interrupt. |
| **Trip Current ($I_{trip}$)** | 0.50 A | Current level at which the device switches to high resistance. |
| **Typical Power ($P_d$)** | 0.5 W | Power dissipated when the device is in the tripped state. |
---
### 2. How it Works (PTC Mechanism)
Unlike a traditional one-time fuse that "blows" and breaks the circuit permanently, the FSMD020-0603-R is **resettable**:
1. **Normal Operation:** The device has a very low internal resistance, allowing current to flow freely.
2. **Overcurrent Event:** If current exceeds the trip threshold, internal heating causes the polymer structure to expand.
3. **Tripped State:** The expansion breaks the conductive chain, causing resistance to spike and limiting the current to a safe leakage level.
4. **Reset:** Once the fault is removed and the device cools down, the polymer contracts, the conductive paths reconnect, and the fuse "resets" to low resistance.
---
### 3. Physical Dimensions
The **0603** footprint is extremely small, making it ideal for compact consumer electronics.
* **Length (L):** 1.45 ~ 1.85 mm
* **Width (W):** 0.70 ~ 1.05 mm
* **Thickness (T):** 0.40 ~ 0.75 mm
---
### 4. Typical Applications
Due to its small size and 200mA hold current, this part is commonly found in:
* **USB Port Protection:** Protecting peripherals from drawing too much power.
* **HDMI/DisplayPort:** Signal line protection.
* **Battery Packs:** Safeguarding Li-ion cells against external shorts.
* **IoT Devices:** Protecting sensitive sensors and microcontrollers.
---
### 5. Pros and Cons
| Advantages | Disadvantages |
| :--- | :--- |
| **Resettable:** No need for manual replacement after a fault. | **Leakage Current:** Always allows a tiny amount of current even when tripped. |
| **Ultra-Small:** Fits in tight PCB layouts (0603). | **Temperature Sensitive:** $I_{hold}$ decreases as ambient temperature rises. |
| **Cost-Effective:** Lowers warranty/repair costs by preventing permanent failure. | **Slower Trip Time:** Slower than a standard fast-acting glass fuse. |
- ⤷What is the difference between I-hold and I-trip for this fuse?
- ⤷ How does ambient temperature affect the performance of the FSMD020-0603-R?
- ⤷ What are the recommended soldering profiles for 0603 PPTC devices?