AI

The **FSM5JS** is a part number typically associated with **Tactile Switches** (Tact Switches) manufactured by companies like TE Connectivity (ALCOSWITCH) or similar electronic component vendors. These are miniature, momentary push-button switches commonly used in low-power signal switching.
---
### 1. Key Technical Specifications
Below are the primary electronic and physical characteristics of the FSM5JS series:
| Property | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Through-Hole (THT) |
| **Actuation Force** | 160gf (Grams-force) |
| **Contact Rating** | 50mA @ 12VDC |
| **Contact Resistance** | 100 mΩ Max |
| **Life Cycle** | ~100,000 Cycles |
| **Actuator Style** | Standard Round Button |
---
### 2. Internal Electronic Structure
The FSM5JS operates as a **SPST-NO (Single Pole Single Throw - Normally Open)** switch.
* **Non-Actuated State:** The internal metal dome is raised, and there is no electrical continuity between the input and output pins.
* **Actuated State:** When the button is pressed, the dome collapses (providing tactile feedback) and bridges the internal contacts.
* **Release:** The dome springs back to its original shape, breaking the circuit.
---
### 3. Pinout and Layout
Most components in the FSM series follow a standard **6x6 mm** footprint with four pins.
* **Parallel Wiring:** Although there are four pins, they are usually internally connected in pairs (Pins 1 & 2 are tied together; Pins 3 & 4 are tied together).
* **Purpose:** This design provides mechanical stability on the PCB and allows the switch to act as a "jumper" or bridge in simple circuit traces.
---
### 4. Applications
Because of its small size and reliable "click" feel, the FSM5JS is found in:
1. **Consumer Electronics:** Reset buttons, volume controls, or mode selectors.
2. **Industrial:** Control panels and interface boards.
3. **Prototyping:** Breadboard-friendly testing (when leads are bent slightly) and DIY microcontroller projects (Arduino/ESP32).
---
### 5. Part Number Breakdown (Example)
* **FSM:** Tactile Switch Series.
* **5:** Usually refers to the height of the actuator (e.g., 5.0mm).
* **J:** Often denotes the specific packaging or material (e.g., High-temperature materials).
* **S:** Often refers to specific terminal plating or force variations.
- ⤷
What is the difference between the FSM5JS and surface-mount (SMD) versions?
- ⤷ How do I debounce this switch in a microcontroller circuit?
- ⤷ What are the maximum voltage and current limits for this component?