FSLM2520-R82J
AI

The **FSLM2520-R82J** is a high-precision wire-wound surface mount (SMD) inductor, typically manufactured by companies like **TDK**. It is widely used in radio frequency (RF) and signal processing circuits.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its technical boundaries:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **FSLM** | Series Name | Wire-wound chip inductor for signal lines |
| **2520** | Case Size (Metric) | 2.5mm x 2.0mm (EIA 1008 equivalent) |
| **R82** | Inductance Value | 0.82 $\mu$H |
| **J** | Tolerance | ±5% |
---
### 2. Technical Specifications
The electrical characteristics are designed for stability and high performance in compact environments:
* **Inductance:** 0.82 $\mu$H
* **Tolerance:** ±5% (Standard precision)
* **Quality Factor (Q):** Typically 30 (Min) at a test frequency of 25.2 MHz.
* **Self-Resonant Frequency (SRF):** Approximately 145 MHz (Minimum).
* **DC Resistance (DCR):** Max 0.85 $\Omega$.
* **Rated Current:** Approximately 320 mA.
* **Operating Temperature:** -40°C to +85°C.
---
### 3. Key Physical Features
* **Construction:** Wire-wound around a ceramic or ferrite core. The winding is protected by a resin mold (molded type) to provide mechanical strength and moisture resistance.
* **Form Factor:** The 2520 (1008) size is small enough for modern portable electronics while still allowing for a high Q-factor compared to multilayer inductors.
* **Terminations:** Usually tin-plated (Pb-free) to support lead-free soldering processes (Reflow).
---
### 4. Common Applications
Due to its stable inductance and high Q-factor at high frequencies, the FSLM2520-R82J is found in:
1. **RF Circuits:** Matching networks and filters in communication equipment.
2. **Signal Decoupling:** Removing high-frequency noise from signal lines.
3. **Consumer Electronics:** Found in TVs, VCRs, and mobile communication devices.
4. **Tuning Circuits:** Used in oscillators and resonant circuits.
---
- ⤷
What are the main differences between wire-wound and multilayer inductors?
- ⤷ Can this inductor be used in high-power DC-DC converters?
- ⤷ How does the 'Q factor' affect signal quality in RF circuits?