FSLM2520-R82
AI

## Technical Overview: FSLM2520-R82J
The **FSLM2520-R82J** is a surface-mount (SMD) wire-wound chip inductor manufactured by **TDK**. It belongs to the FSLM series, which is specifically designed for high-frequency signal applications, often used in telecommunications and consumer electronics.
---
### 1. Key Technical Specifications
The part number itself contains encoded information regarding its size and performance.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±5% (indicated by the 'J' suffix) |
| **Case Size (Metric)** | 2520 (2.5mm x 2.0mm) |
| **Case Size (Imperial)** | 1008 |
| **DC Resistance (Max)** | 0.55 Ω |
| **Rated Current** | 225 mA |
| **Q-Factor (Min)** | 30 (at 25.2 MHz) |
| **Self-Resonant Frequency** | 185 MHz |
---
### 2. Physical Construction
The FSLM2520-R82J is a **wire-wound** inductor. This construction offers specific advantages over multilayer types:
* **Core Material:** Ferrite core, which provides high magnetic flux and stability.
* **Terminations:** Tin-plated electrodes for excellent solderability.
* **Shielding:** It is typically non-shielded, though the wire is protected by a resin coating for mechanical durability.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying similar components:
| Segment | Meaning |
| :--- | :--- |
| **FSLM** | Series name (Signal line wire-wound inductor) |
| **2520** | Physical dimensions (2.5mm length x 2.0mm width) |
| **R82** | Inductance value (R = decimal point; 0.82 µH) |
| **J** | Inductance tolerance (J = ±5%) |
---
### 4. Common Applications
Due to its high Q-factor and stable inductance in the RF range, this part is commonly found in:
1. **Mobile Communications:** Smartphones and base stations.
2. **Audio/Video:** Signal processing circuits in TVs and camcorders.
3. **Computing:** Hard disk drives and peripheral interfaces.
4. **Filters:** Used in LC filter circuits to suppress high-frequency noise or select specific frequencies.
---
- ⤷
What are the main differences between the FSLM series and the MLF series from TDK?
- ⤷ Can this inductor be used for power supply decoupling
- ⤷ or is it strictly for signal lines?
- ⤷ What is the recommended soldering profile for the 2520 package size?