AI

The **FSLM2520-R18J** is a high-precision Surface Mount Device (SMD) wire-wound chip inductor. It is part of the FSLM series, typically manufactured by TDK or similar component specialists, designed specifically for high-frequency signal processing and filtering.
---
### 1. Key Technical Specifications
Below are the electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 0.18 µH (180 nH) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Case Size (EIA)** | 1008 |
| **Case Size (Metric)** | 2520 (2.5mm x 2.0mm) |
| **Self-Resonant Frequency** | ~400 MHz (typical) |
| **DC Resistance (DCR)** | ~0.35 Ω (Max) |
| **Rated Current** | ~450 mA |
| **Construction** | Wire-wound with Resin Mold |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variations of the part:
* **FSLM**: Series name (typically denotes a molded, wire-wound inductor).
* **2520**: Dimensions in millimeters (2.5mm length × 2.0mm width).
* **R18**: Inductance value. "R" acts as the decimal point (R18 = 0.18 µH).
* **J**: Tolerance code. J represents ±5% (K would be ±10%).
---
### 3. Construction and Features
* **Molded Shielding**: The wire coil is encapsulated in a synthetic resin. This provides excellent mechanical strength and protects the fine wire from environmental factors and handling damage during automated assembly.
* **High Q Factor**: Because it is wire-wound (rather than multilayer), it maintains a high Quality (Q) factor, making it efficient for RF tuning and frequency selection.
* **Dimensional Accuracy**: The 2520 footprint is standardized for pick-and-place machines, ensuring high reliability in mass production.
---
### 4. Common Applications
Due to its high resonance and stability, this inductor is used in:
1. **Telecommunications**: Mobile phones, wireless LANs, and Bluetooth modules.
2. **RF Circuits**: Matching circuits, oscillators, and signal filters.
3. **Consumer Electronics**: Used in video cameras, portable audio, and GPS units to prevent high-frequency noise interference.
---
- ⤷
What is the difference between wire-wound and multilayer inductors in RF circuits?
- ⤷ How does the 'Q factor' affect the performance of the FSLM2520-R18J?
- ⤷ Are there automotive-grade (AEC-Q200) versions of this specific inductor?