FSLM2520-R12J
AI

The **FSLM2520-R12J** is a high-precision surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits for filtering, impedance matching, and resonance applications.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (like TDK or Bourns). Here is the breakdown of its core parameters:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.12 µH (Microhenries) |
| **Tolerance** | ±5% (indicated by the 'J') |
| **Package Size** | 2520 (Metric) / 1008 (Imperial) |
| **Dimensions** | 2.5mm x 2.0mm x 1.6mm |
| **Material** | Wire-wound (Ferrite Core) |
| **Current Rating** | Typically 450mA - 550mA (Varies by brand) |
| **Self-Resonant Frequency** | High (Approx. 500 MHz - 700 MHz) |
---
### 2. Part Number Deciphering
Understanding the code helps in identifying replacements or similar components:
* **FSLM**: Series prefix (Wire-wound type for signal lines).
* **2520**: Dimensions in millimeters (2.5mm length x 2.0mm width).
* **R12**: Inductance value. 'R' acts as a decimal point. `R12 = 0.12 µH`.
* **J**: Tolerance code. `J = ±5%`.
---
### 3. Key Features & Applications
The FSLM2520 series is engineered for stability and performance in communication devices.
#### Features:
* **High Q Factor:** Excellent efficiency in frequency selection.
* **Heat Resistance:** Designed to withstand reflow soldering temperatures.
* **Durability:** The wire-wound structure on a ferrite core provides better magnetic shielding and higher inductance values in a small footprint compared to multilayer inductors.
#### Typical Applications:
1. **Telecommunications:** Mobile phones, base stations, and wireless LAN modules.
2. **RF Circuits:** Used in matching circuits for antennas and power amplifiers.
3. **Video/Audio:** Filtering noise in high-frequency signal lines.
4. **Consumer Electronics:** Hard drives, digital cameras, and tablets.
---
### 4. Handling and Soldering
Since this is a 2520 SMD component, specific care must be taken during the PCBA (Printed Circuit Board Assembly) process:
* **Footprint:** Ensure the PCB land pattern matches the 2.5mm x 2.0mm dimensions to avoid "tombstoning."
* **Moisture Sensitivity:** Typically rated at MSL 1 (no special dry storage required), but check the specific manufacturer datasheet.
- ⤷
What is the difference between a wire-wound inductor and a multilayer inductor?
- ⤷ How does the 'Q factor' affect the performance of the FSLM2520-R12J?
- ⤷ Can I substitute a 10% tolerance (K) inductor for this 5% (J) part?