công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FSE-1AA-R

  • AI
    ## Analysis of the FSE-1AA-R The **FSE-1AA-R** is a specialized electronic component, specifically a **Surface Mount (SMT) Tactile Switch**. It is designed for low-power signal switching in consumer electronics and industrial interfaces. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount Technology (SMT) | | **Actuation Force** | Typically 160gf (Grams-force) | | **Contact Arrangement** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Voltage Rating** | 12V DC (Typical) | | **Current Rating** | 50mA | | **Operating Life** | ~100,000 Cycles | --- ### 2. Functional Design The "FSE" series is characterized by its compact footprint and reliable "click" feedback. * **Actuator:** The physical button part that the user presses. * **Contact Dome:** A metal snap-dome inside the housing. When pressed, it collapses to complete the circuit and provides the tactile "click" sensation. * **Terminals:** Usually gold or silver-plated to ensure high conductivity and corrosion resistance. --- ### 3. Usage and Applications These parts are commonly found in devices where space is limited and user interaction is frequent: * **Consumer Electronics:** Remote controls, digital cameras, and handheld gaming devices. * **Wearables:** Smartwatches or fitness trackers. * **Medical Devices:** Control panels for portable diagnostic tools. * **Computing:** Reset buttons or power buttons on PCBs. --- ### 4. Footprint Example In PCB design software (like Altium or KiCad), the land pattern typically looks like this: ```markdown [ Terminal 1 ] ---- (Switch Gap) ---- [ Terminal 2 ] | | [ Terminal 3 ] ---- (Switch Gap) ---- [ Terminal 4 ] ``` *(Note: Terminals 1 & 2 are usually internally connected to 3 & 4 respectively for structural stability).*
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the FSE-1AA-R footprint?
    • ⤷ Is the FSE-1AA-R available in different actuation forces?
    • ⤷ What is the recommended soldering profile for this SMT component?