công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FRTS-Z5-R

  • AI
    The **FRTS-Z5-R** is a specific electronic component commonly used in industrial automation, specifically within the category of **Photoelectric Sensors** (often associated with brands like Panasonic/Sunx or specialized automation suppliers). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications The FRTS-Z5-R is typically a retro-reflective or through-beam fiber optic sensor head designed for precision detection. | Feature | Specification | | :--- | :--- | | **Component Type** | Fiber Optic Sensor Head | | **Model Series** | FRTS (Focus/Retro-reflective Thin Spatial) | | **Detection Method** | Retro-reflective or Through-beam (model dependent) | | **Bending Radius** | R5 to R25 (High flexibility) | | **Fiber Material** | Plastic (often Polyethylene coated) | | **Operating Temp** | -40°C to +70°C | --- ## 2. Electronic Connectivity As a passive fiber optic head, the "electronic" part refers to how it interfaces with a **Fiber Optic Amplifier** (such as the FX-100 or FX-500 series). ### Connection to Amplifier * **Fiber Entry:** The unit consists of two fiber strands (emitter and receiver) that plug into the amplifier unit. * **Signal Processing:** The electronic light pulse is generated by the amplifier's LED, travels through the FRTS-Z5-R fiber, reflects off a target or reflector, and returns to the amplifier's phototransistor. ### Key Electronic Benefits * **EMI/RFI Immunity:** Because the head and cable carry light (photons) rather than electricity, it is immune to electromagnetic interference. * **Spark-Free:** Safe for use in volatile environments where electronic sparks could be dangerous. --- ## 3. Structural Design The "Z5" and "R" in the part number often denote specific physical and optical configurations: 1. **Threaded Head:** Usually features an M3 or M4 threaded tip for secure mounting in industrial brackets. 2. **R (Right Angle):** The "R" usually indicates a side-view or right-angle light emission, allowing for installation in tight spaces where the fiber cannot point straight at the object. 3. **Thin Sleeve:** The Z-series often features a thin stainless steel sleeve to protect the fiber core while maintaining a small footprint. --- ## 4. Typical Applications * **Semiconductor Wafer Detection:** Used in vacuum chambers or tight mechanical assemblies. * **Object Counting:** High-speed electronic counting on conveyor belts. * **Lead Frame Detection:** Identifying the presence of tiny electronic components during SMT (Surface Mount Technology) assembly. ---
    ✨ Follow-up Questions
    • ⤷ Which amplifier units are compatible with the FRTS-Z5-R?
    • ⤷ What is the maximum sensing distance for this specific sensor head?
    • ⤷ Does this model support high-heat environments above 100 degrees Celsius?