công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FRTS-E4-R

  • AI
    The **FRTS-E4-R** is a specific electronic component typically categorized as a **Terminal Relay Module** (often manufactured by companies like IDEC or similar industrial automation brands). These modules are designed to interface between low-power control signals (from a PLC or microcontroller) and high-power loads. --- ### 1. Technical Specifications The following table outlines the general electronic characteristics of the FRTS-E4-R series: | Feature | Specification | | :--- | :--- | | **Number of Points** | 4 Channels (Outputs) | | **Relay Type** | Removable Electromechanical Relays | | **Input Voltage** | Typically 24V DC (Control side) | | **Contact Rating** | 5A to 10A (Depending on specific relay fitted) | | **Mounting** | DIN Rail Mountable | | **Connection Type** | Screw Terminals or Push-in (R-series often denotes specific wiring) | --- ### 2. Key Electronic Components The internal circuitry of the FRTS-E4-R consists of several critical electronic parts: * **Electromechanical Relays (EMRs):** The core switching element. They provide galvanic isolation between the input logic and the output load. * **Flyback Diodes (Freewheeling Diodes):** Integrated into the PCB to protect the driving transistors/PLC from voltage spikes caused by the relay coils' inductive kickback. * **LED Indicators:** Visual status indicators (usually green or red) that illuminate when a specific channel is energized. * **Terminal Blocks:** High-quality copper alloy connectors designed to handle high current without significant heat buildup. * **Socket Interface:** Allows for the replacement of individual relays without rewiring the entire module if a contact fails. --- ### 3. Functional Design The module serves three primary electronic functions: 1. **Signal Amplification:** Uses a small current (mA) from a controller to switch a much larger current (Amps). 2. **Isolation:** Physically separates the DC control circuit from the AC or DC power circuit, preventing damage to the PLC if a short circuit occurs on the load side. 3. **Circuit Protection:** Built-in safeguards ensure that electrical noise from the switching process does not interfere with the logic controller. --- ### 4. Typical Wiring Diagram (Simplified) ```mermaid graph LR A[PLC Output 24VDC] --> B[Internal Coil] B --> C[Internal Flyback Diode] D[Common Power] --- E[Relay Contact] E --> F[Load / Motor / Valve] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the FRTS-E4-R relays?
    • ⤷ How do I replace an individual relay within this module?
    • ⤷ What are the compatible PLC models for this terminal relay?