công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FRTD-S-C2-R

  • AI
    The **FRTD-S-C2-R** is a specific model within the series of **Resistance Temperature Detector (RTD) modules**, typically used in industrial automation for high-precision temperature sensing. --- ### 1. Component Overview This device is a temperature measurement module designed to interface between RTD sensors (like Pt100) and a controller (PLC or PC). Its primary function is to convert the small resistance changes of the sensor into a digital signal or a standardized communication protocol. ### 2. Technical Specifications Below are the general electronic characteristics associated with the FRTD series: | Feature | Specification | | :--- | :--- | | **Sensor Type** | RTD (usually Pt100 or Pt1000) | | **Input Channels** | 2-Channel (indicated by "C2") | | **Communication** | RS-485 (Modbus RTU) | | **Resolution** | 16-bit A/D Conversion | | **Isolation** | Magnetic or Optocoupler isolation between power and signal | | **Accuracy** | $\pm 0.1\%$ of full scale | | **Mounting** | DIN-Rail | --- ### 3. Key Electronic Parts & Functionality The internal circuitry of the FRTD-S-C2-R consists of several critical stages: 1. **Analog Front-End (AFE):** * Contains high-precision operational amplifiers. * Applies a constant excitation current to the RTD sensor to measure voltage drop. 2. **Analog-to-Digital Converter (ADC):** * A high-resolution (16-bit or 24-bit) Sigma-Delta ADC translates the analog voltage into a digital value. 3. **Microcontroller (MCU):** * Processes the digital data, applies linearization algorithms (Callendar-Van Dusen equation), and handles the communication protocol. 4. **RS-485 Transceiver:** * The hardware interface (e.g., MAX485 or similar) that allows the module to communicate over long distances in industrial environments. 5. **Protection Circuitry:** * Includes TVS (Transient Voltage Suppressor) diodes to protect against ESD and surge voltages on the power and data lines. --- ### 4. Wiring and Configuration The "R" in the suffix typically denotes the output type or specific resistance range configuration. * **3-Wire Support:** Most models support 3-wire compensation to eliminate lead-wire resistance errors. * **Power Supply:** Generally operates on **24V DC**, standard for industrial cabinets. ---
    ✨ Follow-up Questions
    • ⤷What is the specific temperature range supported by the FRTD-S-C2-R?
    • ⤷ How do I configure the Modbus RTU address for this module?
    • ⤷ Does this model support 4-wire RTD sensors for higher precision?