FRTD-R-KB-L
AI

Based on the part number **FRTD-R-KB-L**, this component belongs to a specialized category of **Resistance Temperature Detectors (RTDs)**, typically used in industrial automation and HVAC systems.
Below is a breakdown of the electronic specifications and characteristics associated with this part.
### 1. Component Overview
The FRTD series is generally characterized as a **Flexible Resistance Temperature Detector**. It is designed to measure surface temperatures or fluid temperatures where a standard rigid probe cannot fit.
---
### 2. Technical Specifications
The following table highlights the typical electronic and physical parameters for this specific configuration:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Element Type** | Pt100 / Pt1000 | Platinum-based resistor with 100 or 1000 $\Omega$ at 0°C. |
| **Material** | Ribbon / Flexible Film | Allows for bending around curved surfaces (pipes/ducts). |
| **Tolerance Class** | Class A or B | Standardized accuracy per IEC 60751. |
| **Wiring Config** | 2-wire or 3-wire | 3-wire is common to compensate for lead resistance. |
| **Lead Insulation** | Kapton or Teflon | High dielectric strength and thermal stability. |
---
### 3. Part Number Breakdown (Deciphering the Suffixes)
While manufacturer codes vary slightly, the suffixes generally indicate the following:
* **FRTD:** Flexible Resistance Temperature Detector.
* **-R:** Refers to the **Ribbon** or Rectangular style of the sensing element.
* **-KB:** Often indicates a specific **Kelvin/Bridge** wiring configuration or a specific Leadwire material (e.g., Kapton/Braided).
* **-L:** Usually denotes the **Lead length** (specified in inches or millimeters).
---
### 4. Electronic Principle of Operation
The device operates on the principle of **Predictable Resistance Change**:
1. **Linearity:** As the temperature increases, the resistance of the Platinum element increases linearly.
2. **Excitation:** A small constant current (typically $1mA$) is passed through the element.
3. **Output:** The voltage drop across the resistor is measured and converted into a temperature reading by a PLC or temperature controller using the equation:
$$R_t = R_0(1 + At + Bt^2)$$
---
### 5. Applications
* **Battery Pack Monitoring:** Placing the flexible sensor between cells.
* **Motor Windings:** Monitoring internal heat in electrical motors.
* **Aerospace:** Measuring skin temperature on curved fuselage sections.
* **Medical Equipment:** Precise heating block control.
- ⤷
What is the maximum operating temperature range for the FRTD-R-KB-L?
- ⤷How does the 3-wire configuration improve accuracy over the 2-wire version?
- ⤷Is this sensor compatible with standard DIN rail temperature controllers?