công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FRTD-R-FWE-R

  • AI
    Based on the model number provided, **FRTD-R-FWE-R** typically refers to a specialized **Flat Resistance Temperature Detector (RTD)**, often manufactured by companies like Minco or similar thermal sensing specialists. Below is a breakdown of the electronic and physical components associated with this type of part. --- ## 1. Technical Specifications Overview | Component/Feature | Description | | :--- | :--- | | **Sensor Element** | Platinum (Pt) or Nickel-Iron Thin Film | | **Resistance at 0°C** | Usually 100 $\Omega$ (Pt100) or 1000 $\Omega$ (Pt1000) | | **Configuration** | Flat, flexible "Ribbon" or "Patch" style | | **Lead Wire Material** | FEP or PTFE insulated copper wires | | **Temperature Range** | Typically -50°C to +200°C (Model dependent) | --- ## 2. Key Electronic Parts & Construction ### A. The Sensing Element The core of the device is a **Thin-Film Platinum Resistor**. Unlike traditional wire-wound RTDs, these are created by depositing a thin layer of platinum onto a ceramic or polyimide substrate. - **Function:** As temperature increases, the electrical resistance of the platinum increases in a highly linear and predictable manner. ### B. Encapsulation (FWE Designation) The "FWE" in the part number often refers to the **Flexible Wrap/Encapsulation**. - **Material:** Often Polyimide (Kapton®) or Silicone. - **Purpose:** This provides electrical insulation while remaining thin enough to ensure a fast thermal response time. It allows the sensor to be taped or glued onto curved surfaces (like pipes or motor housings). ### C. Internal Connection Points Inside the flat head of the sensor, the thin-film element is bonded to the lead wires. This is a critical point of failure; in high-quality units, these are **strain-relieved** to prevent the wires from snapping off the delicate sensing element. ### D. Lead Wires (The "R" Suffix) The suffix often denotes the lead wire type or termination. - **Material:** Usually stranded silver-plated copper for low resistance and high flexibility. - **Color Coding:** Standardized colors (usually Red/White or Red/Red/White) to indicate 2-wire, 3-wire, or 4-wire configurations. --- ## 3. Operating Principle The FRTD operates on the **Resistance-Temperature Relationship**. The resistance at any given temperature ($R_t$) can be calculated using the Callendar-Van Dusen equation: `Rt = R0 * (1 + A*t + B*t^2 + C*(t-100)*t^3)` 1. **Input:** The control system sends a small constant current (Excitation Current) through the sensor. 2. **Measurement:** The voltage drop across the sensor is measured. 3. **Calculation:** By Ohm's Law ($V=IR$), the resistance is determined, which is then mapped to a specific temperature value. --- ## 4. Typical Applications * **Battery Management Systems (BMS):** Monitoring surface temperatures of Li-ion cells. * **Aerospace:** Measuring skin temperatures on fuselages or instruments. * **Medical Equipment:** Monitoring heating blankets or fluid warmers.
    ✨ Follow-up Questions
    • ⤷ What is the standard resistance (Ohms) for this specific model at 0°C?
    • ⤷ Does this model support 3-wire or 4-wire lead configurations for lead-wire compensation?
    • ⤷ What is the maximum operating temperature for the FWE encapsulation material?