FRTD-R-F3-P
AI

The **FRTD-R-F3-P** is a high-precision Platinum Resistance Temperature Detector (RTD) sensor, typically used in industrial automation, HVAC, and laboratory environments. It belongs to the thin-film RTD family, specifically utilizing a **Pt100** or **Pt1000** element.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Sensor Type** | RTD (Resistance Temperature Detector) |
| **Material** | Platinum (Pt) |
| **Resistance at 0°C** | 100 $\Omega$ (Standard) or 1000 $\Omega$ |
| **Temperature Range** | -50°C to +400°C (standard range) |
| **Tolerance Class** | Class A or Class B (per IEC 751) |
| **Connection Type** | 3-Wire Configuration (F3) |
| **Form Factor** | Probed/Encapsulated for moisture resistance |
---
### 2. Breakdown of the Model Code
The part number can be broken down to understand its electronic behavior:
* **FRTD:** Flexible/Film-based Resistance Temperature Detector.
* **R:** Represents the sensor element type (Resistance-based).
* **F3:** Indicates a **3-wire** lead configuration. This is crucial for electronic circuits as it allows for the compensation of lead wire resistance, ensuring higher accuracy over long distances.
* **P:** Denotes **Platinum** as the sensing material, which provides the highest linearity and stability over time compared to Nickel or Copper.
---
### 3. Electronic Operating Principle
The device operates on the principle that the electrical resistance of platinum increases predictably as temperature rises. The relationship is governed by the Callendar-Van Dusen equation:
```python
# Simplified Linear Approximation for RTD
# R(t) = R0 * (1 + A * t)
R0 = 100.0 # Resistance at 0 degrees Celsius
Alpha = 0.003851 # Standard temperature coefficient for Platinum
def calculate_resistance(temp):
return R0 * (1 + Alpha * temp)
# Example: Resistance at 100°C
# R(100) = 100 * (1 + 0.003851 * 100) = 138.51 Ohms
```
---
### 4. Typical Application Circuit
To interface this part with a microcontroller (like an Arduino or PLC), the following electronic components are usually required:
1. **Constant Current Source:** To prevent "self-heating," a low current (typically 1mA) is passed through the RTD.
2. **Wheatstone Bridge:** Used to detect small changes in resistance.
3. **Instrumentation Amplifier:** Amplifies the millivolt-level signal to a readable 0-5V or 4-20mA range.
4. **ADC (Analog to Digital Converter):** High-resolution (16-bit or 24-bit) ADCs like the MAX31865 are often used specifically for these 3-wire sensors.
- ⤷What are the advantages of using a 3-wire (F3) setup over a 2-wire setup?
- ⤷ How does 'self-heating' affect the accuracy of the FRTD-R-F3-P?
- ⤷ Which ADC modules are best suited for interfacing this sensor with a microcontroller?