FRTD-R-F0-P
AI

The **FRTD-R-F0-P** is a high-precision, industrial-grade **Resistance Temperature Detector (RTD)** sensor. It is primarily used in applications requiring accurate temperature monitoring where physical space is limited and environmental robustness is necessary.
### 1. Technical Specifications
The electrical and mechanical characteristics are summarized in the table below:
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | RTD (Resistance Temperature Detector) |
| **Element Material** | Platinum (Pt) |
| **Base Resistance** | 100 Ohms at 0°C (Pt100) |
| **Tolerance Class** | Class B (DIN EN 60751) |
| **Temperature Range** | -50°C to +200°C (Standard Application) |
| **Connection Type** | 2-wire / 3-wire configurations available |
| **Lead Wire Material** | Fluoropolymer (Teflon) insulation for chemical resistance |
---
### 2. Key Electronic Components & Design
The "electronic" functionality of the FRTD-R-F0-P relies on the physical properties of platinum:
* **Thin-Film Element:** The core is a thin layer of platinum deposited onto a ceramic substrate. This provides high stability over time compared to thermistors.
* **Positive Temperature Coefficient (PTC):** As the temperature rises, the electrical resistance of the platinum increases in a highly linear and predictable manner.
* **Insulation & Shielding:** The "F" in the part number often denotes **Fluoropolymer** insulation, which prevents electrical leakage and protects the signals from moisture and corrosive chemicals.
* **The "R" Suffix:** Usually indicates a specific ribbon or flat-profile lead design, allowing the sensor to be mounted on curved surfaces or inside tight motor windings.
---
### 3. Connection Diagram (Electrical Interface)
When integrating this part into a circuit, it is typically connected to a Wheatstone Bridge or a Constant Current Source.
```cpp
// Example: Calculating Temperature from Resistance (Callendar-Van Dusen simplified)
float calculate_temp(float resistance) {
float R0 = 100.0; // Resistance at 0°C
float alpha = 0.00385; // Standard Platinum coefficient
return (resistance - R0) / (R0 * alpha);
}
```
---
### 4. Typical Applications
* **HVAC Systems:** Monitoring air and fluid temperatures.
* **Industrial Automation:** Overheat protection for motors and bearings.
* **Medical Equipment:** Precise thermal control in laboratory instruments.
- ⤷
What is the difference between Class A and Class B accuracy for this sensor?
- ⤷ How do I wire a 3-wire RTD to eliminate lead wire resistance?
- ⤷ What are the mounting recommendations for the FRTD flat-type sensor?