FRTD-R-D5-KSLASHQ
AI

Based on the part number provided, this appears to be a specific configuration of a **Resistance Temperature Detector (RTD)** sensor, likely manufactured by a specialized industrial thermal components company (such as those used in HVAC, plastic injection molding, or laboratory equipment).
---
## 1. Breakdown of Part Number Specifications
While naming conventions can vary slightly by manufacturer, the code **FRTD-R-D5-K/Q** typically breaks down as follows:
| Code Segment | Parameter | Description |
| :--- | :--- | :--- |
| **FRTD** | Series | Flexible Resistance Temperature Detector (often refers to a thin-film or flexible lead style). |
| **R** | Sensor Type | Resistance-based (Platinum RTD, usually Pt100 or Pt1000). |
| **D5** | Diameter | 5.0mm diameter for the sensor probe or sheath. |
| **K** | Connection | Standard Terminal Head or specific connector type. |
| **Q** | Housing/Lead | Often refers to "Quick-connect" or a specific sheath material (like Stainless Steel). |
---
## 2. Core Electronic Components
An RTD operates on the principle that the electrical resistance of a metal changes predictably with temperature.
### A. The Sensing Element
* **Material:** Most likely Platinum (Pt). Platinum is used due to its high stability and linear resistance-to-temperature relationship.
* **Accuracy Class:** Typically Class A (±0.15°C) or Class B (±0.30°C).
* **Resistance at 0°C:** Standard value is 100 Ohms (Pt100).
### B. Internal Wiring Configuration
To compensate for lead wire resistance, these sensors usually utilize one of the following wiring schemes:
* **2-Wire:** Simple, but prone to errors from wire resistance.
* **3-Wire:** (Most common) Uses a third wire to cancel out the resistance of the leads.
* **4-Wire:** Highest precision; used in laboratory settings to eliminate lead resistance entirely.
---
## 3. Technical Specifications (General Estimates)
| Feature | Specification |
| :--- | :--- |
| **Temperature Range** | -50°C to +400°C (depending on lead insulation) |
| **Probe Material** | SUS304 or SUS316 Stainless Steel |
| **Response Time** | < 10 seconds (in moving water) |
| **Insulation Resistance** | > 100MΩ at 500V DC |
---
## 4. Typical Application Circuit
When connecting this sensor to a controller or PLC, it is usually integrated into a **Wheatstone Bridge** or a dedicated RTD-to-Digital converter (like the MAX31865).
```cpp
// Example: Reading an RTD value via a 10-bit ADC (Simplified Logic)
float getTemperature(int adcValue) {
float voltage = (adcValue * 5.0) / 1023.0;
float resistance = (voltage * R_FIXED) / (V_REF - voltage);
// Use Callendar-Van Dusen equation to solve for T
return (resistance - 100.0) / 0.385;
}
```
---
- ⤷
Is this sensor a Pt100 or a Pt1000 type?
- ⤷ What is the specific cable length and insulation material for the 'Q' suffix?
- ⤷ How do I calibrate this sensor for a 3-wire PLC input?