công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FRTD-R-AA-P

  • AI
    The **FRTD-R-AA-P** is a specific model identifier typically associated with **Resistance Temperature Detectors (RTD)** used in industrial process control. Based on industrial nomenclature, this part is an electronic temperature sensing assembly. --- ### 1. Breakdown of Components The part is comprised of three primary electronic layers that allow it to function as a precision thermometer: | Component | Function | Material/Type | | :--- | :--- | :--- | | **Sensing Element** | The core "active" electronic part that changes resistance with temperature. | Platinum (Pt100 or Pt1000) | | **Extension Wires** | Transmits the resistance signal from the tip to the terminal head. | Silver-plated Copper or Nickel | | **Protective Sheath** | Protects the fragile electronic element from moisture and pressure. | Stainless Steel (316L) | --- ### 2. Technical Specifications This part typically adheres to the following electronic parameters: * **Resistance at 0°C:** 100 Ohms (Standard Pt100). * **Accuracy Class:** Class A (Tolerance of $\pm(0.15 + 0.002|t|)$). * **Wiring Configuration:** 3-wire or 4-wire (to compensate for lead wire resistance). * **Alpha Coefficient:** 0.00385 (European Standard DIN/IEC 60751). --- ### 3. Key Electronic Features #### A. Resistance-Temperature Relationship Unlike a thermocouple that generates voltage, the FRTD-R-AA-P acts as a **variable resistor**. As the temperature rises, the vibration of the platinum atoms increases, making it harder for electrons to flow, thus increasing electrical resistance. #### B. Linearity and Stability * **High Linearity:** It provides a nearly linear output compared to thermistors, making it easier for PLCs (Programmable Logic Controllers) to interpret the data. * **Low Drift:** The electronic properties of the platinum element remain stable over years of use, requiring less frequent recalibration. #### C. Insulation Resistance The internal electronics are insulated with high-purity magnesium oxide (MgO) powder to ensure the sensing circuit does not short to the outer metal sheath, maintaining an insulation resistance typically >100MΩ at 500V DC. --- ### 4. Implementation Diagram (Wiring) ```cpp // Typical 3-Wire Interface for FRTD [ Terminal A ] <---- White (Excitation +) [ Terminal B ] <---- Red (Sense -) [ Terminal b ] <---- Red (Lead Compensation) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature range for this specific RTD model?
    • ⤷ How does a 3-wire configuration differ from a 4-wire configuration in terms of accuracy?
    • ⤷ What are the common industrial applications for the FRTD-R-AA-P?